Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9178-03 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9178-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178-03 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS9178-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ICS9178-03
PwrPC 603/604 System Clock Diagram
Applications
PwrPC 601/601+Processor Modules
PwrPC 601\601+ System Clock Diagram
Frequency Combinations
(XCLK pairs selectable)
Frequency Combinations
(selectable SCLK)
Frequency Combinations
(9178 x4 mode)
SYS
BUS
9178
MODE
2XPCLK
(2XCPU)
PCLK(0,1)
(CPU)
XCLK(0,5)
(BUS)
BCLK(0,1)
ABCLK
F
x4
4F
2F
2F, 1F
1F
F
x6
6F
3F
3F, 1.5F, 1F
1.5F
F
8F
8F
4F
4F, 2F, 1F
2F
OSC
9178
MODE
2XPCLK
(2XCPU)
PCLK
(CPU)
XCLK
(BUS)
Q (PCI)
Fx4
4F
2F
2F, 1F
1F
F
x6
6F
3F
3F, 1.5F, 1F
1.5F
F
8F
8F
4F
4F, 2F, 1F
2F
33
x4
132
66
66, 33
33
33
x6
196
99
99, 48, 33
33
33
x8
264
132
132, 66, 33
33
30
x4
120
60
60, 30
30
30
x6
180
90
90, 45, 30
30
30
x8
240
120
120, 60, 30
30
25
x4
100
50
50, 25
25
25
x6
150
75
75, 37, 25
25
25
x8
200
100
100, 50, 25
25
OSC
PwrPC
MODE
PCLK,
DCLK
(CPU)
PwrPC
INTERNAL
CLOCK
PCLK(0,1)
XCLK(0,3)
(BUS)
ABCLK,
BCLK(0,1)
XCLK(4,5)
F
-
2F, 1F
-
2F, 1F
F
33
x1, x2
66, 33
66
66, 33
33 PCI)
40
x1, x2
80, 40
80
80, 40
40 (VL)
33
x3
-, 33
100
66, 33
33 (PCI)
30
x2, x4
60, 30
120
60, 30
30 (PCI)
40
x3
-, 40
120
80, 40
40 (VL)
33
x2, x4
66, 33
132
66, 33
33 (PCI)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com