Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9178-03 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9178-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178-03 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9178-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS9178-03
AC Characteristics (continued)
VDD =+5V ±5%, 0°C ≥ TAMBIENT ≥ +70°C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not tested 100% in production.
Note 2: For 70Ω Load, 2XPCLK level may be pulled-up with a 390Ω resistor to meet minimum pulse width requirements
at both 1.8Vand 0.6Vat 240 Mhz.
Note 3: 2XPCLK is normally earlier than DCLK by up to 600ps and can be later by up to
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Jitter Absolute 2XPCLK (Note 1)
Tjabs4
for 200 to 240 MHz on
2XPCLK at VDD 4.9 to
5.2V
-125
80
+125
ps
Jitter Absolute 1XPCLK, B, D clocks
(Note 1)
Tjabs5
for 200 to 240 MHz on
2XPCLK at VDD 4.9 to
5.2V
-160
110
+160
ps
Jitter Absolute 2XPCLK (Note 1)
Tjabs6
for < 200 MHz on 2XPCLK
-200
-
+200
ps
Jitter Absolute 1XPCLK (Note 1)
Tjabs7
for < 200 MHz on 2XPCLK
-250
-
+250
ps
Jitter Absolute AB clock (Note 1)
Tjabs8
for < 200 MHz on 2XPCLK
-300
-
+300
ps
Skew, output to output (P, B, D , AB abd
XCLKs) (Note 1)
Tskew1
@ 1.4V
-250
-
+250
ps
Skew, 2XPCLK to PCLK (2XPCLK is
earlier than PCLK) (Note 1)
Tskew2
@ 1.4V
-600
-300
0
ps
Skew, 2XPCLK to REFCLK (2XPCLK is
earlier) (Note 1)
Tskew3
for 240 MHz on 2XPCLK
@ 1.4V
-600
-300
0
ps
Skew, 2XPCLK to DCLK (Notes 1,3)
Tskew4
@ 1.4V
-600
-100
100
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com