Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9178-03 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9178-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178-03 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9178-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS9178-03
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics
Device Specifications
DC Characteristics
VDD =+5V ±5%, 0°C ≥ TAMBIENT ≥ +70°C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not tested 100% in production.
Maximum Ratings
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Supply voltage relative to GND
VDD
-0.5
7.0
V
Input voltage with respect to GND
VIN
-0.5
VDD +0.5
V
Operating temperature
TOPER
0+70
°C
Storage temperature
TSTOR
-65
+150
°C
Max soldering temperature (10 sec)
TSOL
+260
°C
Junction temperature
Tj
+135
°C
Package power dissipation
PDISS
800
900
mWatts
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
High level input voltage
VIH
2.0
V
Low level input voltage
VIL
0.8
V
High level CMOS output voltage
VOH
IOH=-25mA
2.4
V
Low level CMOS output voltage
VOL
IOL=25mA
0.4
V
High level PECL output voltage
(2XPCLK) (Note 1)
VOHP
110 ohm load to ground
1.9
2.2
V
Low level PECL output voltage
(2XPCLK) (Note 1)
VOLP
110 ohm load to ground
0.3
0.5
V
Input high current
IIH
VIH=VDD
-10
10
µA
Input low current (MSX pins, pull-up)
IIL1
VIL=0V
-150
µA
Input low current (other inputs)
IIL2
VIL=0V
-10
10
µA
Output leakage current (XCLKs)
IOZ
(tristate)
-10
10
µA
Power supply current
IDD
@240 MHz on
2XPCLK
145
185
mA
Power supply current (typical) (Note 1)
IDD-TYP
@75 MHz on 2XPCLK
80
100
mA
Input capacitance (Note 1)
CIN
8pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com