Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9178-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9178-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9178-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9178-03
Block Diagram
ICS9178-03 Rev C 02/12/98P
245 MHz Clock Generator and Integrated Buffer for PowerPC™
The ICS9178-03 generates all clocks required for high speed
PowerPC RISC microprocessor systems. Generating clocks
in phase with an external reference frequency allows the
ICS9178-03 to be used as a multiplying zero delay buffer.
Three different multiplying factors are externally selectable.
These factors can be customized for specific applications. An
external frequency can be directly applied to aid system
testing. With 2X processor clock speeds up to 245 MHz,
PECL outputs are provided. User selectable frequency ratios
are available for PCLK/BCLK and PCLK/XCLK. Each pair of
clocks outputs have separate supply pins to minimize output
jitter and allow them to operate at 5V, 3.3V or custom voltage
levels.
•
Generates 2 PECL 2x processor, 2 TTL/CMOS 1x
processor and 10 selectable bus clocks
•
2XPCLK ranges from 75 MHz to 245 MHz (5V or
5V/3.3V mixed supply) or 60 to 170 MHz (3.3V only)
•
Asymmetric duty cycle bus clock for PowerPC
•
Bus to processor clock skews less than ±250ps
•
2XPCLK to PCLK skew controlled at 300 ±300ps
•
Selectable reference multiplying factors
•
Selectable PCLK/BCLK and PCLK/XCLK ratios
•
Separate supplies allow 5V and 3.3V output mix
•
3.0V - 5.5V supply range
•
44-pin PQFP package
PowerPC is a trademark of Motorola Corporation.
Applications
•
Ideal for high-speed systems based on PowerPC
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9178-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YGLF-T ICST-ICS91718YGLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718YGLF-T RENESAS-ICS91718YGLF-T Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YMLF-T ICST-ICS91718YMLF-T Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
More results

Similar Description - ICS9178-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
RevC 06/19/97
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com