Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9178-03 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9178-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178-03 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9178-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9178-03
AC Characteristics
VDD =+5V ±5%, 0°C ≥ TAMBIENT ≥ +70°C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not tested 100% in production.
Note 2: For 70Ω Load, 2XPCLK level may be pulled-up with a 390Ω resistor to meet minimum pulse width requirements
at both 1.8V and 0.6V at 240 MHz.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Frequency (Note 1)
fi
8
40.0
50.0
MHz
Input Clock Rise time (Note 1)
ICLKr
-
-
3
ns
Input Clock Fall time (Note 1)
ICLKf
-
-
3
ns
Output Frequency (2XPCLK)
fo2XPCLK
6X mode, 8X mode
75
245
MHz
4X mode
75
240
Output Rise time, 0.8 to 2.0V 20%
to 80% (Note 1)
tr2XPCLK
15pF load
0.8 to 2.0V
-
-
1.0
ns
20% to 80%
-
-
1.5
Fall time 2.0 to 0.8 80% to 20%
(Note 1)
tf2XPCLK
15pF load
2.0 to 0.8V
-
-
1.0
ns
80% to 20%
1.5
Output Rise time 80% to 20%
(Note 1)
t(TTL)r
15pF load
-
-
3.0
ns
Output Fall time 80% to 20%
(Note 1)
t(TTL)f
15pF load
-
-
2.0
ns
Duty cycle 2XPCLK (Note 1)
dt1
200 to 240 MHz @ 1.4V 110
ohm, 15pF load
42.5
50
57.5
%
Pulse Width, High, 2XPCLK
(Note 1, 2)
Tpwr
@ 1.8V, 110
ΩLoad 2
1.2
-
-
ns
Pulse Width, Low, 2XPCLK
(Note 1, 2)
Tpwr
@ 0.6V, 110
ΩLoad 2
1.0
-
-
ns
Duty cycle ABCLK (Note 1)
dt3
15pF load @ 1.4V (8X mode)
70
75
80
%
Duty cycle ABCLK (Note 1)
dt4
15pF load @ 1.4V 6X mode
61
66
71
%
15pF load @ 1.4V 4X mode
45
50
55
Duty cycle TTL (other clocks)
(Note 1)
dt5
15pF load @ 1.4V
45
50
55
%
Jitter 1 Sigma 2XPCLK (10,000
samples) (Note 1)
Tj1s1
for 200 to 240 MHz on
2XPCLK
-40
-
ps
Jitter 1 Sigma 1XPCLK B & D
(10,000 samples) (Note 1)
Tj1s2
for 200 to 240 MHz on
2XPCLK
-50
-
ps
Jitter 1 Sigma AB clock (10,000
samples) (Note 1)
Tj1s3
for 200 to 240 MHz on
2XPCLK
-60
-
ps
Jitter Absolute 2XPCLK (Note 1)
Tjabs1
for 200 to 240 MHz on
2XPCLK
-150
80
+150
ps
Jitter Absolute 1XPCLK, B, D
clocks (Note 1)
Tjabs2
for 200 to 240 MHz on
2XPCLK
-200
110
+200
ps
Jitter Absolute AB clock (Note 1)
Tjabs3
for 200 to 240 MHz on
2XPCLK
-250
120
+250
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com