Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4069UB Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4069UB Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4069UB
Download  HEF4069UB Download
File Size   246.18 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex unbuffered inverter

HEF4069UB Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4069UB Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4069UB
Download  HEF4069UB Click to download

File Size   246.18 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex unbuffered inverter

HEF4069UB Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4069UB Product details

1. General description
The HEF4069UB is a hex unbuffered inverter. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VDD.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Oscillator




Similar Part No. - HEF4069UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4069UB PHILIPS-HEF4069UB Datasheet
116Kb / 7P
Hex inverter
January 1995
HEF4069UB NXP-HEF4069UB Datasheet
128Kb / 17P
Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4069UB-Q100 NEXPERIA-HEF4069UB-Q100 Datasheet
741Kb / 16P
Hex inverter
HEF4069UB-Q100 NEXPERIA-HEF4069UB-Q100 Datasheet
247Kb / 13P
Hex unbuffered inverter
Rev. 4 5 September 2024
HEF4069UB-Q100 NEXPERIA-HEF4069UB-Q100_V01 Datasheet
247Kb / 13P
Hex unbuffered inverter
Rev. 4 5 September 2024
More results


Similar Description - HEF4069UB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
Hex Unbuffered Inverter
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74LVXU04 ONSEMI-MC74LVXU04 Datasheet
83Kb / 6P
Hex Inverter(Unbuffered)
March, 2005 ??Rev. 1
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
Hex Unbuffered Inverter
March, 2007 ??Rev. 0
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
Hex unbuffered inverter
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
Hex unbuffered inverter
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
Hex unbuffered inverter
Rev. 9 - 31 March 2021
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
Hex unbuffered inverter
Rev. 5 - 18 May 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com