Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCU04 Datasheet (PDF) - ON Semiconductor

74HCU04 Datasheet PDF - ON Semiconductor
Part # 74HCU04
Download  74HCU04 Download
File Size   133.84 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Unbuffered Inverter

74HCU04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCU04 Datasheet PDF - ON Semiconductor

Part # 74HCU04
Download  74HCU04 Click to download

File Size   133.84 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Unbuffered Inverter

74HCU04 Datasheet (HTML) - ON Semiconductor


74HCU04 Product details

Hex Unbuffered Inverter

High−Performance Silicon−Gate CMOS



The 74HCU04 is identical in pinout to the LS04 and the MC14069UB. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.

This device consists of six single−stage inverters. These inverters are well suited for use as oscillators, pulse shapers, and in many other applications requiring a high−input impedance amplifier. For digital applications, the HC04 is recommended.



Features

• Output Drive Capability: 10 LSTTL Loads

• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V; 2.5 to 6.0 V in Oscillator Configurations

• Low Input Current: 1.0 A

• High Noise Immunity Characteristic of CMOS Devices

• In Compliance With the JEDEC Standard No. 7.0 A Requirements

• ESD Performance: HBM  2000 V; Machine Model  200 V

• Chip Complexity: 12 FETs or 3 Equivalent Gates

• These are Pb−Free Devices



 




Similar Part No. - 74HCU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
Hex inverter
September 1993
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
UNBUFFERED HEX INVERTERS
Rev 3
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
Hex unbuffered inverter
Rev. 9 - 31 May 2021
logo
SYC Electronica
74HCU04 SYC-74HCU04 Datasheet
93Kb / 7P
Hex inverter
September 1993
logo
Toshiba Semiconductor
74HCU04 TOSHIBA-74HCU04 Datasheet
170Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-11 Rev.3.0
More results


Similar Description - 74HCU04

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
Hex Unbuffered Inverter
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74LVXU04 ONSEMI-MC74LVXU04 Datasheet
83Kb / 6P
Hex Inverter(Unbuffered)
March, 2005 ??Rev. 1
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
Hex unbuffered inverter
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
Hex unbuffered inverter
Rev. 9 - 31 March 2021
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
Hex unbuffered inverter
Rev. 5 - 18 May 2020
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com