Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHV3.5W Datasheet (PDF) - Bellnix Co.,Ltd.

PHV3.5W Datasheet PDF - Bellnix Co.,Ltd.
Part # PHV3.5W
Download  PHV3.5W Download
File Size   252.26 Kbytes
Page   4 Pages
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.
Description 0V to 350V PHV Series

PHV3.5W Datasheet (PDF)

Go To PDF Page Download Datasheet
PHV3.5W Datasheet PDF - Bellnix Co.,Ltd.

Part # PHV3.5W
Download  PHV3.5W Click to download

File Size   252.26 Kbytes
Page   4 Pages
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.
Description 0V to 350V PHV Series

PHV3.5W Datasheet (HTML) - Bellnix Co.,Ltd.


PHV3.5W Product details

■ Features
・High efficiency 68%typ.
・High reliability
・Max output capacity 3.5W
・Low price/long life
・5 sided metallic shield
・ON/OFF control (option)
・Adjustable voltage with external voltage
・Low ripple noise
・PCB mount type
・MTBF anticipated value 400、000H
・Over current protection
・Ultra small size




Similar Part No. - PHV3.5W

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PHV3.5N10-1P115 TDK-PHV3.5N10-1P115 Datasheet
211Kb / 1P
High Voltage Power Supplies
April 20, 2022
PHV3.5N10-1P230 TDK-PHV3.5N10-1P230 Datasheet
211Kb / 1P
High Voltage Power Supplies
April 20, 2022
PHV3.5N100-1P115 TDK-PHV3.5N100-1P115 Datasheet
211Kb / 1P
High Voltage Power Supplies
April 20, 2022
PHV3.5N100-1P230 TDK-PHV3.5N100-1P230 Datasheet
211Kb / 1P
High Voltage Power Supplies
April 20, 2022
PHV3.5N1500-3P208 TDK-PHV3.5N1500-3P208 Datasheet
211Kb / 1P
High Voltage Power Supplies
April 20, 2022
More results


Similar Description - PHV3.5W

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2799 SHINDENGEN-2SK2799 Datasheet
407Kb / 10P
VX-2 Series Power MOSFET(350V 10A)
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
logo
Rohm
RTR020P02TL ROHM-RTR020P02TL Datasheet
110Kb / 5P
Switching (??0V, ??.0A)
logo
Texas Instruments
AMC7812 TI-AMC7812 Datasheet
2Mb / 92P
12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
logo
Rohm
RSS050P03TB ROHM-RSS050P03TB Datasheet
93Kb / 5P
Switching (??0V, ??.0A)
logo
Maxim Integrated Produc...
MAX40201 MAXIM-MAX40201 Datasheet
496Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
Rev 0; 5/17
MAX40201 MAXIM-MAX40201_V01 Datasheet
795Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
2022
logo
TRACO Electronic AG
PHV TRACOPOWER-PHV Datasheet
209Kb / 4P
High Voltage Power Supplies PHV Series, 3.5 – 5 Watt
Rev. October 15, 2018
logo
Bellnix Co.,Ltd.
MHV2.5-3W BELLNIX-MHV2.5-3W Datasheet
201Kb / 4P
0V to 180V、300V、350V MHV Series
PHV5W BELLNIX-PHV5W Datasheet
282Kb / 4P
0V-500V. 1000V, 2000V PHV Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com