Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHV5W Datasheet (PDF) - Bellnix Co.,Ltd.

PHV5W Datasheet PDF - Bellnix Co.,Ltd.
Part # PHV5W
Download  PHV5W Download
File Size   282.44 Kbytes
Page   4 Pages
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.
Description 0V-500V. 1000V, 2000V PHV Series

PHV5W Datasheet (PDF)

Go To PDF Page Download Datasheet
PHV5W Datasheet PDF - Bellnix Co.,Ltd.

Part # PHV5W
Download  PHV5W Click to download

File Size   282.44 Kbytes
Page   4 Pages
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.
Description 0V-500V. 1000V, 2000V PHV Series

PHV5W Datasheet (HTML) - Bellnix Co.,Ltd.


PHV5W Product details

Features
-High efficiency of 72% -5 sided metallic shield case -PCB mounting type
+High reliability +ON/OFF control (optional) -MTBF anticipated value 380, 00
-Max output capacity SW - Adjustable voltage with external voltage -Over current protection
-Low cost/long life -Low ripple noise -Ultra small size device




Similar Part No. - PHV5W

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PHV EATON-PHV Datasheet
415Kb / 3P
Cylindrical pack
logo
Bellnix Co.,Ltd.
PHV BELLNIX-PHV Datasheet
283Kb / 4P
High efficiency, ultra small size output adjustable high voltage power suppy High Efficiency/l type resonance PWM mwthod 5W high voltage DC-DC converter
logo
TRACO Electronic AG
PHV TRACOPOWER-PHV Datasheet
209Kb / 4P
High Voltage Power Supplies PHV Series, 3.5 – 5 Watt
Rev. October 15, 2018
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
PHV-5R4H155-R COOPER-PHV-5R4H155-R Datasheet
199Kb / 2P
Supercapacitors
More results


Similar Description - PHV5W

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR020P02TL ROHM-RTR020P02TL Datasheet
110Kb / 5P
Switching (??0V, ??.0A)
RSS050P03TB ROHM-RSS050P03TB Datasheet
93Kb / 5P
Switching (??0V, ??.0A)
logo
KEC(Korea Electronics)
2N7002KDU KEC-2N7002KDU Datasheet
372Kb / 4P
N Channel MOSFET ESD Protected 2000V
logo
Taiwan Semiconductor Co...
1N5408D TSC-1N5408D Datasheet
180Kb / 4P
2000V General Purpose Rectifier
logo
Nell Semiconductor Co.,...
700PT NELLSEMI-700PT Datasheet
687Kb / 2P
Voltage rating up to 2000V
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA_18 Datasheet
51Kb / 3P
N Channel MOSFET ESD Protected 2000V
logo
P-tec Corporation
PLC3528B-WCR08 P-TEC-PLC3528B-WCR08 Datasheet
4Mb / 14P
ESD HBM 2000V
logo
TRACO Electronic AG
PHV TRACOPOWER-PHV Datasheet
209Kb / 4P
High Voltage Power Supplies PHV Series, 3.5 – 5 Watt
Rev. October 15, 2018
logo
Bellnix Co.,Ltd.
MHV2-2.6W BELLNIX-MHV2-2.6W Datasheet
393Kb / 5P
0V-470V、1000V、1500V、2000V MHV Series
PHV3.5W BELLNIX-PHV3.5W Datasheet
252Kb / 4P
0V to 350V PHV Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com