Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2-2.6W Datasheet (PDF) - Bellnix Co.,Ltd.

MHV2-2.6W Datasheet PDF - Bellnix Co.,Ltd.
Part # MHV2-2.6W
Download  MHV2-2.6W Download
File Size   393.56 Kbytes
Page   5 Pages
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.
Description 0V-470V、1000V、1500V、2000V MHV Series

MHV2-2.6W Datasheet (PDF)

Go To PDF Page Download Datasheet
MHV2-2.6W Datasheet PDF - Bellnix Co.,Ltd.

Part # MHV2-2.6W
Download  MHV2-2.6W Click to download

File Size   393.56 Kbytes
Page   5 Pages
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.
Description 0V-470V、1000V、1500V、2000V MHV Series

MHV2-2.6W Datasheet (HTML) - Bellnix Co.,Ltd.


MHV2-2.6W Product details

■ Features
・PCB mounting type ・Adopted a 5 sided metallic shield case
・Output capacity 2W to 2.6W ・Remote ON/OFF control
・Over current protection ・High reliability, long life
・Worlds smallest size device ・Low ripple noise of 30mVp-p
・Low price ・Adjustable voltage using an external voltage
・UL certified product ・24V input may be achieved by adding an external DC/DC converter
(UL File No. E305960)
・Adopted a 5 sided metallic shield case
・Remote ON/OFF control
・High reliability, long life
・Low ripple noise of 30mVp-p
・Adjustable voltage using an external voltage
・24V input may be achieved by adding an external DC/DC converter




Similar Part No. - MHV2-2.6W

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
MHV2.5-3W BELLNIX-MHV2.5-3W Datasheet
201Kb / 4P
0V to 180V、300V、350V MHV Series
logo
I.L.M.E. S.p.A.
MHV24.25 ILME-MHV24.25 Datasheet
216Kb / 1P
ILME Multipole Connectors
MHV24G32 ILME-MHV24G32 Datasheet
216Kb / 1P
ILME Multipole Connectors
MHV24L25 ILME-MHV24L25 Datasheet
216Kb / 1P
ILME Multipole Connectors
MHV24LG32 ILME-MHV24LG32 Datasheet
216Kb / 1P
ILME Multipole Connectors
More results


Similar Description - MHV2-2.6W

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-10400 AMPHENOL-000-10400 Datasheet
4Mb / 6P
MHV Connectors
logo
Pasternack Enterprises,...
PE9267 PASTERNACK-PE9267 Datasheet
251Kb / 3P
MHV Female to MHV Female Adapter
PE34423 PASTERNACK-PE34423 Datasheet
265Kb / 1P
CABLE ASSEMBLY RG225/U MHV MALE TO MHV MALE TO MHV MALE
logo
Nell Semiconductor Co.,...
700PT NELLSEMI-700PT Datasheet
687Kb / 2P
Voltage rating up to 2000V
logo
P-tec Corporation
PLC3528B-WCR08 P-TEC-PLC3528B-WCR08 Datasheet
4Mb / 14P
ESD HBM 2000V
logo
Standex Electronics, In...
MHV05-1A STANDEX-MHV05-1A Datasheet
748Kb / 4P
MHV Series Reed Relays
Version 01 30 Sep 2022
logo
Bellnix Co.,Ltd.
MHV2.5-3W BELLNIX-MHV2.5-3W Datasheet
201Kb / 4P
0V to 180V、300V、350V MHV Series
PHV3.5W BELLNIX-PHV3.5W Datasheet
252Kb / 4P
0V to 350V PHV Series
PHV5W BELLNIX-PHV5W Datasheet
282Kb / 4P
0V-500V. 1000V, 2000V PHV Series
logo
Marathon Special Produc...
PV15BW90 MARATHON-PV15BW90 Datasheet
282Kb / 3P
90A, 1500V DC
06/29/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com