Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P6M Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

5P6M Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # 5P6M
Download  5P6M Download
File Size   301.28 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

5P6M Datasheet (PDF)

Go To PDF Page Download Datasheet
5P6M Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # 5P6M
Download  5P6M Click to download

File Size   301.28 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

5P6M Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


5P6M Product details

Description
Standard gate triggering SCR is fully isolated package suitable for the application where requiring
high bidirectional blocking voltage capability and also suitable for over voltage protection ,motor
control circuit in power tool, inrush current limit circuit and heating control system.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 5 A
Ultra low gate trigger current




Similar Part No. - 5P6M

ManufacturerPart #DatasheetDescription
logo
NEC
5P6M NEC-5P6M Datasheet
414Kb / 4P
5A(8 Ar.m.s) Thyristor
5P6M NEC-5P6M Datasheet
396Kb / 6P
2A PLASTIC MOLDED THYRISTOR
logo
Tiger Electronic Co.,Lt...
5P6M TGS-5P6M Datasheet
130Kb / 1P
Triacs sensitive gate
More results


Similar Description - 5P6M

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
S6012R HAOPIN-S6012R Datasheet
307Kb / 5P
Blocking voltage to 600 V
BT169 HAOPIN-BT169 Datasheet
211Kb / 4P
Blocking voltage to 600 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com