Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P6M Datasheet (PDF) - NEC

5P6M Datasheet PDF - NEC
Part # 5P6M
Download  5P6M Download
File Size   414.51 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5A(8 Ar.m.s) Thyristor

5P6M Datasheet (PDF)

Go To PDF Page Download Datasheet
5P6M Datasheet PDF - NEC

Part # 5P6M
Download  5P6M Click to download

File Size   414.51 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5A(8 Ar.m.s) Thyristor

5P6M Datasheet (HTML) - NEC


5P6M Product details

SEMICONDUCTOR SELECTION GUIDE

   Microcomputer
   IC Memory
   Semi-Custom IC
   Particular Purpose IC
   General Purpose Linear IC
   Transistor / Diode / Thyristor
   Microwave Device / Consumer Use High Frequency Device
   Optical Device
   Packages
   Index (Quick Reference by Type Number)




Similar Part No. - 5P6M

ManufacturerPart #DatasheetDescription
logo
NEC
5P6M NEC-5P6M Datasheet
396Kb / 6P
2A PLASTIC MOLDED THYRISTOR
logo
Tiger Electronic Co.,Lt...
5P6M TGS-5P6M Datasheet
130Kb / 1P
Triacs sensitive gate
logo
HAOPIN MICROELECTRONICS...
5P6M HAOPIN-5P6M Datasheet
301Kb / 5P
Blocking voltage to 600 V
More results


Similar Description - 5P6M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA0201 SANKEN-SLA0201 Datasheet
32Kb / 1P
5A 600V 4 circuits Thyristor array
TF521M SANKEN-TF521M Datasheet
48Kb / 2P
TO-220 5A Thyristor
TF521S SANKEN-TF521S Datasheet
49Kb / 2P
TO-220F 5A Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
TO-220F 5A High sensitive Thyristor
logo
NEC
8P2M NEC-8P2M Datasheet
1Mb / 6P
8 A THYRISTOR
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
5A SMALL MOLD THYRISTOR
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_13 Datasheet
112Kb / 9P
600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE_15 Datasheet
102Kb / 3P
400V - 5A - Thyristor Medium Power Use
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
400V - 5A - Thyristor
May. 10, 2019
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com