Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP89N04PDK Datasheet (PDF) - Renesas Technology Corp

NP89N04PDK Datasheet PDF - Renesas Technology Corp
Part # NP89N04PDK
Download  NP89N04PDK Download
File Size   272.07 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40 V – 90 A – N-channel Power MOS FET Application: Automotive

NP89N04PDK Datasheet (PDF)

Go To PDF Page Download Datasheet
NP89N04PDK Datasheet PDF - Renesas Technology Corp

Part # NP89N04PDK
Download  NP89N04PDK Click to download

File Size   272.07 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40 V – 90 A – N-channel Power MOS FET Application: Automotive

NP89N04PDK Datasheet (HTML) - Renesas Technology Corp


NP89N04PDK Product details

Description
The NP89N04PDK is N-channel MOS Field Effect Transistors designed for high current switching applications.

Features
 Super low on-state resistance
RDS(on) = 2.95 m MAX. (VGS = 10 V, ID = 45 A)
 Low Ciss: Ciss = 3900 pF TYP. (VDS = 25 V)
 Logic level drive type
 Designed for automotive application and AEC-Q101 qualified




Similar Part No. - NP89N04PDK

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NP89N04PDK ISC-NP89N04PDK Datasheet
307Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
NP89N04PDK-E1-AY*1 RENESAS-NP89N04PDK-E1-AY*1 Datasheet
114Kb / 8P
40 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP89N04PDK-E2-AY*1 RENESAS-NP89N04PDK-E2-AY*1 Datasheet
114Kb / 8P
40 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP89N04PDK RENESAS-NP89N04PDK_15 Datasheet
114Kb / 8P
40 V ??90 A ??N-channel Power MOS FET Application: Automotive
More results


Similar Description - NP89N04PDK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP90N04VLK RENESAS-NP90N04VLK_15 Datasheet
300Kb / 8P
40 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP50N04YUK RENESAS-NP50N04YUK_15 Datasheet
122Kb / 8P
40 V ??50 A ??N-channel Power MOS FET Application: Automotive
NP89N04PDK RENESAS-NP89N04PDK_15 Datasheet
114Kb / 8P
40 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP90N04VDK RENESAS-NP90N04VDK_15 Datasheet
114Kb / 8P
40 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP90N06VLK RENESAS-NP90N06VLK Datasheet
527Kb / 9P
60 V ??90 A ??N-channel Power MOS FET Application: Automotive
NP50N04YUK RENESAS-NP50N04YUK_V01 Datasheet
275Kb / 8P
40 V – 50 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP89N06PDK RENESAS-NP89N06PDK_V01 Datasheet
447Kb / 9P
60 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP90N04VDK RENESAS-NP90N04VDK Datasheet
273Kb / 8P
40 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP90N04VLK RENESAS-NP90N04VLK Datasheet
640Kb / 8P
40 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP90N06VDK RENESAS-NP90N06VDK_V01 Datasheet
442Kb / 9P
60 V – 90 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com