Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP89N04PDK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP89N04PDK
Description  40 V – 90 A – N-channel Power MOS FET Application: Automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP89N04PDK Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP89N04PDK Datasheet HTML 1Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 2Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 3Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 4Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 5Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 6Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 7Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NP89N04PDK
Preliminary
R07DS1016EJ0200 Rev.2.00
Page 2 of 6
May 24, 2018
Electrical Characteristics (TA = 25°C)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
—
—
1
A
VDS = 40 V, VGS = 0 V
Gate Leakage Current
IGSS
—
—
100
nA
VGS =
20 V, VDS = 0 V
Gate to Source Threshold Voltage
VGS(th)
1.5
1.8
2.5
V
VDS = VGS, ID = 250
A
Forward Transfer Admittance *1
| yfs |
44
88
—
S
VDS = 5 V, ID = 45 A
Drain to Source On-state Resistance *1
RDS(on)1
—
2.45
2.95
m
VGS = 10 V, ID = 45 A
RDS(on)2
—
3.10
6.20
m
VGS = 4.5 V, ID = 23 A
Input Capacitance *2
Ciss
—
3900
5850
pF
VDS = 25 V
VGS = 0 V
f = 1 MHz
Output Capacitance *2
Coss
—
530
800
pF
Reverse Transfer Capacitance *2
Crss
—
200
360
pF
Turn-on Delay Time *2
td(on)
—
18
40
ns
VDD = 20 V, ID = 45 A
VGS = 10 V
RG = 0
Rise Time *2
tr
—
8
21
ns
Turn-off Delay Time *2
td(off)
—
71
142
ns
Fall Time *2
tf
—
9
23
ns
Total Gate Charge *2
QG
—
68
102
nC
VDD = 32 V
VGS = 10 V
ID = 90 A
Gate to Source Charge
QGS
—
17
—
nC
Gate to Drain Charge
QGD
—
11
—
nC
Body Diode Forward Voltage *1
VF(S-D)
—
0.9
1.5
V
IF = 90 A, VGS = 0 V
Reverse Recovery Time
trr
—
43
—
ns
IF = 90 A, VGS = 0 V
di/dt = 100 A/
s
Reverse Recovery Charge
Qrr
—
59
—
nC
Note: *1 Pulsed test
Note: *2 Not subject of production test. Verified by design/characterization.
TEST CIRCUIT 3 GATE CHARGE
VGS = 20 → 0 V
PG.
RG = 25 Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
Duty Cycle
≤ 1%
τ = 1 μs
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
V
DS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com