Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9001C Datasheet (PDF) - KISTLER INSTRUMENT CORPORATION

9001C Datasheet PDF - KISTLER INSTRUMENT CORPORATION
Part # 9001C
Download  9001C Download
File Size   961.73 Kbytes
Page   11 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN

9001C Datasheet (PDF)

Go To PDF Page Download Datasheet
9001C Datasheet PDF - KISTLER INSTRUMENT CORPORATION

Part # 9001C
Download  9001C Click to download

File Size   961.73 Kbytes
Page   11 Pages
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
Description Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN

9001C Datasheet (HTML) - KISTLER INSTRUMENT CORPORATION


9001C Product details

• Two calibrated measuring ranges
• Linearity including hysteresis ≤±0.5%
• Extremely high stiffness
• Very compact design
• Extremely low threshold
• Degree of protection: IP68, dependent on cable
• No aging, unlimited service life




Similar Part No. - 9001C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9001C ETC2-9001C Datasheet
67Kb / 1P
Toggle Switches
logo
Schneider Electric
9001C31 SCHNEIDER-9001C31 Datasheet
162Kb / 2P
30MM PLASTIC LENS FOR PILOT LIGHT CLEAR
Jan 20, 2022
9001C9 SCHNEIDER-9001C9 Datasheet
126Kb / 2P
30MM PLASTIC DOMED LENS CLEAR
Jan 20, 2022
More results


Similar Description - 9001C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
90X7C KISTLER-90X7C Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
93X1C KISTLER-93X1C Datasheet
1Mb / 6P
Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
4577A KISTLER-4577A Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
90X6C-SET KISTLER-90X6C-SET Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com