Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSIS Datasheet (PDF) - Lorlin Electronics Ltd.

DSIS Datasheet PDF - Lorlin Electronics Ltd.
Part # DSIS
Download  DSIS Download
File Size   247.48 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description DSIS DSL SPRING RETURN LOCK SWITCH

DSIS Datasheet (PDF)

Go To PDF Page Download Datasheet
DSIS Datasheet PDF - Lorlin Electronics Ltd.

Part # DSIS
Download  DSIS Click to download

File Size   247.48 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description DSIS DSL SPRING RETURN LOCK SWITCH

DSIS Datasheet (HTML) - Lorlin Electronics Ltd.


DSIS Product details

FEATURES
Same key or 15,000 combinations with key differs
Key inserted / removed either way up
90° indexing
Dimpled keys – dimpled 6 pin lock
Solid, sturdy feel 90 grams Solder terminals Max panel thickness 15mm
Double pole Spring Return
Front panel mount, module snaps on from inside




Similar Part No. - DSIS

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
DSI-EV16P-3C MULTICOMP-DSI-EV16P-3C Datasheet
199Kb / 1P
J1772 16A Electric Vehicle Plug With Lead
21/03/16 V1.0
DSI-EV16P-5C MULTICOMP-DSI-EV16P-5C Datasheet
199Kb / 1P
J1772 16A Electric Vehicle Plug With Lead
21/03/16 V1.0
DSI-EV16S-NC MULTICOMP-DSI-EV16S-NC Datasheet
385Kb / 1P
J1772 16A Socket
07/07/14 V1.0
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DSI17-08A IXYS-DSI17-08A Datasheet
37Kb / 2P
Rectifier Diode Avalanche Diode
More results


Similar Description - DSIS

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LF24-SUS BELIMO-LF24-SUS Datasheet
680Kb / 3P
On/Off, Spring Return, AC/DC 24 V, Auxiliary Switch
LF120-SUS BELIMO-LF120-SUS Datasheet
628Kb / 3P
On/Off, Spring Return, AC 120 V, Auxiliary Switch
LF230-SUS BELIMO-LF230-SUS Datasheet
628Kb / 3P
On/Off, Spring Return, AC 230 V, Auxiliary Switch
FSAF120A-S BELIMO-FSAF120A-S Datasheet
677Kb / 2P
On/Off, Spring Return, AC 120 V, Auxiliary Switch
FSAF230A-S BELIMO-FSAF230A-S Datasheet
678Kb / 2P
On/Off, Spring Return, AC 230 V, Auxiliary Switch
FSTF120-SUS BELIMO-FSTF120-SUS Datasheet
703Kb / 2P
On/Off, Spring Return, AC 120 V, Auxiliary Switch
FSTF230-SUS BELIMO-FSTF230-SUS Datasheet
714Kb / 2P
On/Off, Spring Return, AC 230 V, Auxiliary Switch
logo
Schneider Electric
ZB4BD77 SCHNEIDER-ZB4BD77 Datasheet
402Kb / 16P
black selector switch head 횠22 3- position spring return
Oct 13, 2021
ZB4BD87 SCHNEIDER-ZB4BD87 Datasheet
403Kb / 16P
black selector switch head 횠22 3- position spring return
Oct 13, 2021
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com