Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSL Datasheet (PDF) - Lorlin Electronics Ltd.

DSL Datasheet PDF - Lorlin Electronics Ltd.
Part # DSL
Download  DSL Download
File Size   261.04 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description DSL MAINS LOCK SWITCH

DSL Datasheet (PDF)

Go To PDF Page Download Datasheet
DSL Datasheet PDF - Lorlin Electronics Ltd.

Part # DSL
Download  DSL Click to download

File Size   261.04 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description DSL MAINS LOCK SWITCH

DSL Datasheet (HTML) - Lorlin Electronics Ltd.


DSL Product details

FEATURES
Same key or 15,000 combinations with key differs
Key inserted / removed either way up
90° indexing
Dimpled keys – dimpled 6 pin lock
Solid, sturdy feel 90 grams Solder terminals Max panel thickness 15mm
Double pole
Front panel mount, module snaps on from inside




Similar Part No. - DSL

ManufacturerPart #DatasheetDescription
logo
SICK AG
DSL-0612B01M075KM0 SICK-DSL-0612B01M075KM0 Datasheet
199Kb / 3P
Plug connector cable
DSL-0612B02M075KM0 SICK-DSL-0612B02M075KM0 Datasheet
199Kb / 3P
Plug connector cable
DSL-0612B03M075KM0 SICK-DSL-0612B03M075KM0 Datasheet
199Kb / 3P
Plug connector cable
DSL-0612B0M5075KM0 SICK-DSL-0612B0M5075KM0 Datasheet
199Kb / 3P
Plug connector cable
DSL-0612B1M5075KM0 SICK-DSL-0612B1M5075KM0 Datasheet
199Kb / 3P
Plug connector cable
More results


Similar Description - DSL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
logo
Lorlin Electronics Ltd.
DSIS LORLIN-DSIS Datasheet
247Kb / 1P
DSIS DSL SPRING RETURN LOCK SWITCH
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
RMS LORLIN-RMS Datasheet
475Kb / 2P
RMS ROTARY MAINS SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
SRLMC LORLIN-SRLMC Datasheet
581Kb / 1P
SRLMC MAINS LOCK SWITCH - COMPACT
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
WRLMC LORLIN-WRLMC Datasheet
557Kb / 1P
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com