Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2000 Datasheet (PDF) - Lorlin Electronics Ltd.

MS2000 Datasheet PDF - Lorlin Electronics Ltd.
Part # MS2000
Download  MS2000 Download
File Size   329.29 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description MS2000 MAINS ROTARY SWITCH MODULE

MS2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS2000 Datasheet PDF - Lorlin Electronics Ltd.

Part # MS2000
Download  MS2000 Click to download

File Size   329.29 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description MS2000 MAINS ROTARY SWITCH MODULE

MS2000 Datasheet (HTML) - Lorlin Electronics Ltd.


MS2000 Product details

FEATURES
Non Bracketed Bracketed Plate
Solder and PCB terminals
Optional stops
2 pole on-off ENEC approved to EN61058 2 pole changeover (not ENEC approved)
Mounting options
Insulation Resistance: >999MΩ @ 500V dc (
Contact Resistance: >10mΩ (Initial)
ENEC Approved Push Button modules also available




Similar Part No. - MS2000

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MS2000 SENSATA-MS2000 Datasheet
173Kb / 3P
PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
Rev: 07/20/19
More results


Similar Description - MS2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
Mains Interface Relay Module
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
RMS LORLIN-RMS Datasheet
475Kb / 2P
RMS ROTARY MAINS SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
SRLMC LORLIN-SRLMC Datasheet
581Kb / 1P
SRLMC MAINS LOCK SWITCH - COMPACT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com