Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAL Datasheet (PDF) - Lorlin Electronics Ltd.

RAL Datasheet PDF - Lorlin Electronics Ltd.
Part # RAL
Download  RAL Download
File Size   1675.73 Kbytes
Page   4 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE

RAL Datasheet (PDF)

Go To PDF Page Download Datasheet
RAL Datasheet PDF - Lorlin Electronics Ltd.

Part # RAL
Download  RAL Click to download

File Size   1675.73 Kbytes
Page   4 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE

RAL Datasheet (HTML) - Lorlin Electronics Ltd.


RAL Product details

FEATURES
Non-shorting BBM (break
before make) or Shorting MBB
(make before break)
60° or 90° switch indexing
5-disc lock
Single or Multi wafer
Up to 5 poles per switch
Solder or PCB terminals
Silver contacts
Gold flashed or gold
plated also available
2 keys per switch as standard
Key inserted/removeable 60° or
90°
Common or differ keys
200 combinations
Master key system available
Two stage assembly: lock
inserted from the inside and
the lock bezel screws on from
the front to secure the
assembly
Max panel thickness 8.5mm




Similar Part No. - RAL

ManufacturerPart #DatasheetDescription
logo
Lapp.
RAL 7001 LAPP-RAL 7001 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
RAL 7035 LAPP-RAL 7035 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
logo
Hylec-APL Ltd. All righ...
RAL 7035 HYLEC-RAL 7035 Datasheet
195Kb / 2P
Venting element
logo
Lapp.
RAL 9005 LAPP-RAL 9005 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
logo
Hylec-APL Ltd. All righ...
RAL 9005 HYLEC-RAL 9005 Datasheet
195Kb / 2P
Venting element
More results


Similar Description - RAL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
RALM LORLIN-RALM Datasheet
825Kb / 3P
RAL LOCK SWITCH WITH A MAINSWITCH MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com