Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RALM Datasheet (PDF) - Lorlin Electronics Ltd.

RALM Datasheet PDF - Lorlin Electronics Ltd.
Part # RALM
Download  RALM Download
File Size   825.05 Kbytes
Page   3 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description RAL LOCK SWITCH WITH A MAINSWITCH MODULE

RALM Datasheet (PDF)

Go To PDF Page Download Datasheet
RALM Datasheet PDF - Lorlin Electronics Ltd.

Part # RALM
Download  RALM Click to download

File Size   825.05 Kbytes
Page   3 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description RAL LOCK SWITCH WITH A MAINSWITCH MODULE

RALM Datasheet (HTML) - Lorlin Electronics Ltd.


RALM Product details

FEATURES
Non-shorting BBM (break
before make) or Shorting MBB
(make before break)
Multi-wafer switch
Up to 6 poles per switch
Solder terminals
Silver contacts
Made in the UK
2 keys per switch as standard
Lock movement 60° or 90°
30°, 45°, 60° or 90° module
indexing
Common or differ keys
Master key system available
Two stage assembly: lock
inserted from the inside and the
lock bezel screws on from the
front to secure the assembly
5RAL 8RAL
Max panel thickness 8.5 mm 11.0mm
Lock type: 5 disc 8 disc
Differs 200 2000
Max. wafers 6 or 2 plus 2 pole mains switch




Similar Part No. - RALM

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
logo
Lapp.
RAL 7001 LAPP-RAL 7001 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
RAL 7035 LAPP-RAL 7035 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
RAL 9005 LAPP-RAL 9005 Datasheet
135Kb / 2P
SKINTOP® ST / STR
11.10.2016
logo
Sensata Technologies, I...
RAL-005-002 SENSATA-RAL-005-002 Datasheet
104Kb / 1P
MATING CABLE CONNECTOR
Rev:05/31/18
More results


Similar Description - RALM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
RF Micro Devices
RF1291 RFMD-RF1291 Datasheet
144Kb / 2P
SWITCH FILTER MODULE WITH
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
Lorlin Electronics Ltd.
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
HRL LORLIN-HRL Datasheet
761Kb / 2P
HRL LOCK SWITCH
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com