Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RALM Datasheet(PDF) 3 Page - Lorlin Electronics Ltd.

Part # RALM
Description  RAL LOCK SWITCH WITH A MAINSWITCH MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

RALM Datasheet(HTML) 3 Page - Lorlin Electronics Ltd.

  RALM Datasheet HTML 1Page - Lorlin Electronics Ltd. RALM Datasheet HTML 2Page - Lorlin Electronics Ltd. RALM Datasheet HTML 3Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WAFERS ABOVE ARE VIEWED FROM THE FRONT OF THE SWITCH IN THE
FURTHEST COUNTER CLOCKWISE POSITION.
CIRCUITY IS SHOWN AS BREAK BEFORE MAKE (BBM) NON-SHORTING.
MAKE BEFORE BREAK (MBB) OPTIONS ARE ALSO AVAILABLE
TYPICAL WAFER LAYOUTS 30
°, 45°, 60° AND 90°
FRONT
REAR
VIEWED
FROM FRONT
FRONT
REAR
VIEWED
FROM FRONT
FRONT
REAR
VIEWED
FROM FRONT
FRONT
REAR
VIEWED
FROM FRONT
ORDERING CODES
PLEASE CONTACT US WITH YOUR REQUIREMENTS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com