Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS Datasheet (PDF) - Lorlin Electronics Ltd.

MSS Datasheet PDF - Lorlin Electronics Ltd.
Part # MSS
Download  MSS Download
File Size   276.63 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description MS2000 ROTARY SWITCH MODULE

MSS Datasheet (PDF)

Go To PDF Page Download Datasheet
MSS Datasheet PDF - Lorlin Electronics Ltd.

Part # MSS
Download  MSS Click to download

File Size   276.63 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description MS2000 ROTARY SWITCH MODULE

MSS Datasheet (HTML) - Lorlin Electronics Ltd.


MSS Product details

FEATURES
Solder Optional stops Made in the UK
2 pole on-off 2 pole changeover
Mounting options: Non-Bracketed Bracketed Plate
Insulation Resistance: >999MΩ @ 500V dc (Initial) Contact Resistance: >10mΩ (Initial)
Push Button modules also available




Similar Part No. - MSS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSS MACOM-MSS Datasheet
361Kb / 7P
Slide Switches, Instrumentation Grade
logo
Arista Networks, Inc
MSS ARISTA-MSS Datasheet
949Kb / 4P
Arista Networks Multi-Domain Segmentation Services (MSS) For Zero Trust Networking
April 23, 2024
logo
Omega Engineering, Inc.
MSS OMEGA-MSS Datasheet
243Kb / 1P
Snap Strips For Mounting Miniature MPJ Panel Jacks
logo
Schurter Inc.
MSS SCHURTER-MSS Datasheet
979Kb / 8P
Active electronic switch
16.01.2023
logo
Phoenix Mecano S.E. Asi...
MSS 11 BOPLA-MSS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results


Similar Description - MSS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
logo
Festo Corporation.
552706 FESTO-552706 Datasheet
86Kb / 1P
Rotary module
5/30/22
552707 FESTO-552707 Datasheet
82Kb / 1P
Rotary module
5/30/22
552708 FESTO-552708 Datasheet
86Kb / 1P
Rotary module
5/30/22
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com