Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # MSS
Description  MS2000 ROTARY SWITCH MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

MSS Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  MSS Datasheet HTML 1Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MS2000 ROTARY SWITCH MODULE
ELECTRICAL & MECHANICAL SPECIFICATION
FEATURES
ROTARY SWITCH MODULE SIGNAL
MSS
Solder
Optional stops
Made in the UK
2 pole on-off
2 pole changeover
Mounting options:
Non-Bracketed
Bracketed
Plate
Operating Temperature:
-25°C to +85°C
Terminal Material:
Brass CZ108, Sn Plated
Tag Panel:
SRBP
Switch Chamber:
Polyamide 6.5 G.F. V0 Rated
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
Contact Resistance:
>10mΩ (Initial)
Switch Rating:
20mA @ 24V dc
Proof Voltage
2.5kV (Initial)
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
Contact Resistance:
<10Mω (Initial)
Contact Gap:
>2.5mm
Contact Material:
Ag CdO + Au Plated
Life
>50,000
Cycles
Not mains isolating Proof Voltage
1000V ac (Initial)
Push Button
modules also
available
ORDERING CODE
Mounting Bracket
Mounting Plate


Similar Part No. - MSS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSS MACOM-MSS Datasheet
361Kb / 7P
Slide Switches, Instrumentation Grade
logo
Arista Networks, Inc
MSS ARISTA-MSS Datasheet
949Kb / 4P
Arista Networks Multi-Domain Segmentation Services (MSS) For Zero Trust Networking
April 23, 2024
logo
Omega Engineering, Inc.
MSS OMEGA-MSS Datasheet
243Kb / 1P
Snap Strips For Mounting Miniature MPJ Panel Jacks
logo
Phoenix Mecano S.E. Asi...
MSS 11 BOPLA-MSS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
MSS 13 BOPLA-MSS 13 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - MSS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
logo
Festo Corporation.
552706 FESTO-552706 Datasheet
86Kb / 1P
Rotary module
5/30/22
552707 FESTO-552707 Datasheet
82Kb / 1P
Rotary module
5/30/22
552708 FESTO-552708 Datasheet
86Kb / 1P
Rotary module
5/30/22
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com