Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2000 Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # MS2000
Description  MS2000 MAINS ROTARY SWITCH MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

MS2000 Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  MS2000 Datasheet HTML 1Page - Lorlin Electronics Ltd. MS2000 Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MS2000 MAINS ROTARY SWITCH MODULE ON-OFF TYPES ENEC APPROVED TO EN61058-1
ELECTRICAL & MECHANICAL SPECIFICATION
FEATURES
ROTARY SWITCH MODULE MAINS
MS
Non Bracketed
Bracketed
Plate
Solder and PCB terminals
Optional stops
2 pole on-off ENEC approved to EN61058
2 pole changeover (not ENEC approved)
Mounting options
Operating Temperature:
-25°C to +85°C
Terminal Material:
Brass CZ108, Ag Plated
Tag Panel:
SRBP
Switch Chamber:
Polyamide 6.5 G.F. V0 Rated
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
Contact Resistance:
>10mΩ (Initial)
SOLDER TERMINAL
PCB TERMINAL
Switch Rating:
4/80A @ 240V ac R.C.
Proof Voltage
3kV min (Initial)
Insulation Resistance:
>999MΩ @ 500V dc (Initial)
Contact Resistance:
>20mΩ (Initial)
Contact Gap:
>2.5mm
Contact Material:
Silver Cadmium Oxide
Life
>15,000
Cycles
Not mains isolating Proof Voltage
1000V ac (Initial)
ENEC Approved
Push Button
modules also
available


Similar Part No. - MS2000

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MS2000 SENSATA-MS2000 Datasheet
173Kb / 3P
PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
Rev: 07/20/19
More results

Similar Description - MS2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
logo
TT Electronics.
DS3801 TTELEC-DS3801 Datasheet
277Kb / 1P
Mains Interface Relay Module
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
RMS LORLIN-RMS Datasheet
475Kb / 2P
RMS ROTARY MAINS SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
SRLMC LORLIN-SRLMC Datasheet
581Kb / 1P
SRLMC MAINS LOCK SWITCH - COMPACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com