Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRLMC Datasheet (PDF) - Lorlin Electronics Ltd.

WRLMC Datasheet PDF - Lorlin Electronics Ltd.
Part # WRLMC
Download  WRLMC Download
File Size   557.53 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT

WRLMC Datasheet (PDF)

Go To PDF Page Download Datasheet
WRLMC Datasheet PDF - Lorlin Electronics Ltd.

Part # WRLMC
Download  WRLMC Click to download

File Size   557.53 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT

WRLMC Datasheet (HTML) - Lorlin Electronics Ltd.


WRLMC Product details

FEATURES
Solder or PCB terminals
Tapered lock heads
2 keys per switch -
Up to 200 differ key combinations
available
Keys are double entry (can be
inserted into lock either way up)
60 ° lock movement
Double pole mains isolating
– ENEC Two stage assembly: Lock
through front, module snaps on
from inside
Made in the UK
Double pole mains isolating –
ENEC
Length behind panel <30 mm
max panel thickness 4.5mm
Panel seal to IP67




Similar Part No. - WRLMC

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
More results


Similar Description - WRLMC

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
SRLMC LORLIN-SRLMC Datasheet
581Kb / 1P
SRLMC MAINS LOCK SWITCH - COMPACT
WIRL LORLIN-WIRL Datasheet
765Kb / 2P
WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRL90 LORLIN-WRL90 Datasheet
699Kb / 2P
WRL90 IP66/IP67 LOCK SWITCH
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com