Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRL Datasheet (PDF) - Lorlin Electronics Ltd.

WRL Datasheet PDF - Lorlin Electronics Ltd.
Part # WRL
Download  WRL Download
File Size   649.34 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description WRL IP66/IP67 SEALED LOCK SWITCH

WRL Datasheet (PDF)

Go To PDF Page Download Datasheet
WRL Datasheet PDF - Lorlin Electronics Ltd.

Part # WRL
Download  WRL Click to download

File Size   649.34 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description WRL IP66/IP67 SEALED LOCK SWITCH

WRL Datasheet (HTML) - Lorlin Electronics Ltd.


WRL Product details

FEATURES
Moulded bezel available
for parallel lock headed
version (SRL02101).
Oil regularly if used
outside
2 keys per switch
Up to 200 differ key
combinations available
Keys are double entry (can be
inserted into lock either way up)
Front assembly
Single or Double pole
Max panel thickness 3.5mm
Rear panel depth - <30mm
Made in UK




Similar Part No. - WRL

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-11373 SPARKFUN-WRL-11373 Datasheet
105Kb / 1P
SparkFun XBee Explorer Regulated
4/16/2015
WRL-11697 SPARKFUN-WRL-11697 Datasheet
113Kb / 2P
SparkFun XBee Explorer Dongle
6/24/2015
WRL-11812 SPARKFUN-WRL-11812 Datasheet
114Kb / 1P
SparkFun XBee Explorer USB
11/17/2015
WRL-12576 SPARKFUN-WRL-12576 Datasheet
111Kb / 2P
SparkFun Bluetooth Mate Silver
11/17/2015
WRL-12579 SPARKFUN-WRL-12579 Datasheet
113Kb / 2P
SparkFun Bluetooth Module Breakout - Roving Networks (RN-41 v6.15)
11/17/2015
More results


Similar Description - WRL

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
WIRL LORLIN-WIRL Datasheet
765Kb / 2P
WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRL90 LORLIN-WRL90 Datasheet
699Kb / 2P
WRL90 IP66/IP67 LOCK SWITCH
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
WRLMC LORLIN-WRLMC Datasheet
557Kb / 1P
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
logo
Inventronics Inc.
DS-EDC-100S105SV2 INVENTRONICS-DS-EDC-100S105SV2 Datasheet
458Kb / 8P
100W AOC IP66/IP67
Rev.B
DS-EDC-150S105SV2 INVENTRONICS-DS-EDC-150S105SV2 Datasheet
482Kb / 8P
150W AOC IP66/IP67
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com