Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCKS Datasheet (PDF) - Lorlin Electronics Ltd.

GCKS Datasheet PDF - Lorlin Electronics Ltd.
Part # GCKS
Download  GCKS Download
File Size   699.99 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description GCKS GRAY CODED ROTARY SWITCH IP66/IP67

GCKS Datasheet (PDF)

Go To PDF Page Download Datasheet
GCKS Datasheet PDF - Lorlin Electronics Ltd.

Part # GCKS
Download  GCKS Click to download

File Size   699.99 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description GCKS GRAY CODED ROTARY SWITCH IP66/IP67

GCKS Datasheet (HTML) - Lorlin Electronics Ltd.


GCKS Product details

FEATURES
Made in the UK
Gray coded, standard and complimentary versions
Adjustable stop to restrict number of positions
Note: If stop washer not used, do not fit the backing ring
to maintain O ring IP panel sealing.
Spindles with special flats, slots or knurls
PCB terminals + extra stabilising terminals
Standard silver contacts,
gold flashed or gold plated
also available
Standard 22.5° indexing 4-Bit
Standard 45° indexing 3-Bit
Moulded 27.5mm diameter
UL-V0 rated material option




Similar Part No. - GCKS

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1016 LORLIN-GCK1016 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1017 LORLIN-GCK1017 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1018 LORLIN-GCK1018 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
GCK1019 LORLIN-GCK1019 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
More results


Similar Description - GCKS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
WRL LORLIN-WRL Datasheet
649Kb / 1P
WRL IP66/IP67 SEALED LOCK SWITCH
WRL60 LORLIN-WRL60 Datasheet
757Kb / 2P
WRL60 IP66/IP67 LOCK SWITCH
WRL90 LORLIN-WRL90 Datasheet
699Kb / 2P
WRL90 IP66/IP67 LOCK SWITCH
WRLMC LORLIN-WRLMC Datasheet
557Kb / 1P
WRLMC IP66/IP67 SEALED MAINS LOCK SWITCH - COMPACT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com