Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRL9034CSD2 Datasheet (PDF) - Lorlin Electronics Ltd.

SRL9034CSD2 Datasheet PDF - Lorlin Electronics Ltd.
Part # SRL9034CSD2
Download  SRL9034CSD2 Download
File Size   697.42 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description SRL90 LOCK SWITCH

SRL9034CSD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRL9034CSD2 Datasheet PDF - Lorlin Electronics Ltd.

Part # SRL9034CSD2
Download  SRL9034CSD2 Click to download

File Size   697.42 Kbytes
Page   2 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description SRL90 LOCK SWITCH

SRL9034CSD2 Datasheet (HTML) - Lorlin Electronics Ltd.


SRL9034CSD2 Product details

FEATURES
Contacts: Non shorting BBM
Gold flashed or gold plate contacts available
Solder or PCB terminals
2 keys per switch - Up to 200 differ
key combinations available
Keys are double entry (can be
inserted into lock either way up)
Key removable at 90° positions
Single wafer switch
One - three poles
Two stage assembly: Lock through front,
module snaps on from rear
Max panel thickness 4.5mm
Made In UK




Similar Part No. - SRL9034CSD2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SRL SCHURTER-SRL Datasheet
309Kb / 3P
LED Holder straight or angled with 3 mm and 5 mm LED
logo
IET Labs Inc.
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
logo
Lorlin Electronics Ltd.
SRL LORLIN-SRL Datasheet
744Kb / 2P
SRL LOCK SWITCH
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
SRL-05A-XX SERIES
logo
List of Unclassifed Man...
SRL-5-A ETC2-SRL-5-A Datasheet
362Kb / 2P
SRL LOCK SWITCHES
More results


Similar Description - SRL9034CSD2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
Switch / Push-Lock Option
logo
Lorlin Electronics Ltd.
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
HRL LORLIN-HRL Datasheet
761Kb / 2P
HRL LOCK SWITCH
LS120 LORLIN-LS120 Datasheet
246Kb / 1P
LS120 LS121 LOCK SWITCH
LS300 LORLIN-LS300 Datasheet
723Kb / 1P
LS300 LOCK SWITCH
SKL LORLIN-SKL Datasheet
253Kb / 1P
SKL LOCK SWITCH
SRL LORLIN-SRL Datasheet
744Kb / 2P
SRL LOCK SWITCH
SRL60 LORLIN-SRL60 Datasheet
751Kb / 2P
SRL60 LOCK SWITCH
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com