Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA420A Datasheet (PDF) - Nexperia B.V. All rights reserved

BZA420A Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZA420A
Download  BZA420A Download
File Size   324.5 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple ESD transient voltage suppressor

BZA420A Datasheet (PDF)

Go To PDF Page Download Datasheet
BZA420A Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZA420A
Download  BZA420A Click to download

File Size   324.5 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple ESD transient voltage suppressor

BZA420A Datasheet (HTML) - Nexperia B.V. All rights reserved


BZA420A Product details

FEATURES
•ESD rating >8 kV, according to IEC1000-4-2
•SOT457 surface mount package
•Common anode configuration
•Non-clamping range −0.5 to 20 V
•Maximum reverse peak power dissipation: 19.6 W at tp = 1 ms
•Maximum clamping voltage at peak pulse current: 28 V at IZSM = 0.7 A.
APPLICATIONS
•Computers and peripherals
•Audio and video equipment
•Communication systems
•Medical equipment.
DESCRIPTION
Monolithic transient voltage suppressor diode in a six lead SOT457 (SC-74) package for 4-bit wide ESD transient suppression at 20 V level.




Similar Part No. - BZA420A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA420A PHILIPS-BZA420A Datasheet
69Kb / 12P
Quadruple ESD transient voltage suppressor
1999 May 20
BZA420A NXP-BZA420A Datasheet
143Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 20
More results


Similar Description - BZA420A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA420A PHILIPS-BZA420A Datasheet
69Kb / 12P
Quadruple ESD transient voltage suppressor
1999 May 20
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA800A NXP-BZA800A Datasheet
179Kb / 11P
Quadruple ESD transient voltage suppressor
2000 Sep 25
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
Quadruple ESD transient voltage suppressor
2001 Sep 03
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA800A_SERIES NEXPERIA-BZA800A_SERIES Datasheet
217Kb / 12P
Quadruple ESD transient voltage suppressor
2000 Sep 25
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
Quadruple ESD transient voltage suppressor
2001 Sep 03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com