Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA462A Datasheet (PDF) - NXP Semiconductors

BZA462A Datasheet PDF - NXP Semiconductors
Part # BZA462A
Download  BZA462A Download
File Size   77.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quadruple ESD transient voltage suppressor

BZA462A Datasheet (PDF)

Go To PDF Page Download Datasheet
BZA462A Datasheet PDF - NXP Semiconductors

Part # BZA462A
Download  BZA462A Click to download

File Size   77.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quadruple ESD transient voltage suppressor

BZA462A Datasheet (HTML) - NXP Semiconductors


BZA462A Product details

DESCRIPTION

Monolithic transient voltage suppressor diode in a six lead SOT457 (SC-74) package for 4-bit wide ESD transient suppression at 6.2 V level.



FEATURES

• ESD rating >15 kV, according to IEC1000-4-2

• SOT457 surface mount package

• Common anode configuration

• Non-clamping range −0.5 to 6.2 V

• Maximum reverse peak power dissipation: 24 W at tp = 1 ms

• Maximum clamping voltage at peak pulse current: 9 V at IZSM = 2.66 A.



APPLICATIONS

• Computers and peripherals

• Audio and video equipment

• Communication systems

• Medical equipment.



 




Similar Part No. - BZA462A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
logo
Nexperia B.V. All right...
BZA462A NEXPERIA-BZA462A Datasheet
329Kb / 11P
Quadruple ESD transient voltage suppressor
1999 May 25
More results


Similar Description - BZA462A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA420A PHILIPS-BZA420A Datasheet
69Kb / 12P
Quadruple ESD transient voltage suppressor
1999 May 20
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA800A NXP-BZA800A Datasheet
179Kb / 11P
Quadruple ESD transient voltage suppressor
2000 Sep 25
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
Quadruple ESD transient voltage suppressor
2001 Sep 03
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA800A_SERIES NEXPERIA-BZA800A_SERIES Datasheet
217Kb / 12P
Quadruple ESD transient voltage suppressor
2000 Sep 25
BZA420A NEXPERIA-BZA420A Datasheet
324Kb / 11P
Quadruple ESD transient voltage suppressor
1999 May 20
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
Quadruple ESD transient voltage suppressor
2001 Sep 03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com