Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3257A Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3257A Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3257A
Download  CBT3257A Download
File Size   256.43 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 1-of-2 multiplexer/demultiplexer

CBT3257A Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3257A Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3257A
Download  CBT3257A Click to download

File Size   256.43 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 1-of-2 multiplexer/demultiplexer

CBT3257A Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3257A Product details

1. General description
The CBT3257A is a quad single-pole, dual-throw bus switch. The device features an output enable
input (OE) and a select input (S). When OE is LOW the switch is enabled and the select input can
be used to connect the nA terminals to either of the associated nB terminals.
2. Features and benefits
• 5 Ω switch connection between two ports
• Minimal propagation delay through the switch
• Direct interface with TTL levels
• Overvoltage tolerant control inputs to 5.5 V
• Latch-up protection exceeds 100 mA per JEDEC standard JESD78 class II level A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C




Similar Part No. - CBT3257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
CBT3257A NXP-CBT3257A Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Nexperia B.V. All right...
CBT3257A-Q100 NEXPERIA-CBT3257A-Q100 Datasheet
191Kb / 10P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 1 - 28 November 2019
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257AD PHILIPS-CBT3257AD Datasheet
92Kb / 16P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
More results


Similar Description - CBT3257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com