Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3257 Datasheet (PDF) - NXP Semiconductors

CBT3257 Datasheet PDF - NXP Semiconductors
Part # CBT3257
Download  CBT3257 Download
File Size   102.93 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 1-of-2 multiplexer/demultiplexer

CBT3257 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3257 Datasheet PDF - NXP Semiconductors

Part # CBT3257
Download  CBT3257 Click to download

File Size   102.93 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 1-of-2 multiplexer/demultiplexer

CBT3257 Datasheet (HTML) - NXP Semiconductors


CBT3257 Product details

DESCRIPTION

The CBT3257 is a quad 1-of-2 high-speed TTL-compatible multiplexer/demultiplexer. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. Output Enable (OE) and select-control (S) inputs select the appropriate B1 and B2 outputs for the A-input data. The CBT3257 is characterized for operation from -40 to +85 °C.



FEATURES

•5 Ωswitch connection between two ports

•TTL-compatible input levels

•Minimal propagation delay through the switch

•Latch-up protection exceeds 500 mA per JESD78

•ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

 




Similar Part No. - CBT3257

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
CBT3257A NXP-CBT3257A Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
CBT3257A-Q100 NEXPERIA-CBT3257A-Q100 Datasheet
191Kb / 10P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 1 - 28 November 2019
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
More results


Similar Description - CBT3257

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com