Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8003 Datasheet (PDF) - Analog Devices

AD8003 Datasheet PDF - Analog Devices
Part # AD8003
Download  AD8003 Download
File Size   684.99 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple, 1.5 GHz Op Amp

AD8003 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8003 Datasheet PDF - Analog Devices

Part # AD8003
Download  AD8003 Click to download

File Size   684.99 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple, 1.5 GHz Op Amp

AD8003 Datasheet (HTML) - Analog Devices


AD8003 Product details

GENERAL DESCRIPTION
The AD8003 is a triple ultrahigh speed current feedback amplifier. Using ADI’s proprietary eXtra Fast Complementary Bipolar (XFCB) process, the AD8003 achieves a bandwidth of 1.5 GHz and a slew rate of 4300 V/µs. Additionally, the amplifier provides excellent dc precision with an input bias current of 50 µA maximum and a dc input voltage of 0.7 mV.

FEATURES
   High speed
      1650 MHz (G = +1)
      730 MHz (G = +2, VO = 2 V p-p)
      4300 V/µs (G = +2, 4 V step)
      Settling time 12 ns to 0.1%, 2 V step
   Excellent for QXGA resolution video
      Gain flatness 0.1 dB to 190 MHz
      0.05% differential gain error, RL = 150 Ω
      0.01° differential phase error, RL = 150 Ω
   Low voltage offset: 0.7 mV (typical)
   Low input bias current: 7 µA (typical)
   Low noise: 1.8 nV/√Hz
   Low distortion over wide bandwidth: SFDR −73 dBc @ 20 MHz
   High output drive: 100 mA output load drive
   Supply operation: +5 V to ±5 V voltage supply
   Supply current: 9.5 mA/amplifier
  
APPLICATIONS
   High resolution video graphics
   Professional video
   Consumer video
   High speed instrumentation
   Muxing




Similar Part No. - AD8003

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8003 AD-AD8003 Datasheet
947Kb / 17P
Triple, 1.5 GHz Op Amp
REV. C
AD8003ACHIPS AD-AD8003ACHIPS Datasheet
782Kb / 17P
Triple, 1.5 GHz Op Amp
Rev. C
AD8003ACPZ-EBZ AD-AD8003ACPZ-EBZ Datasheet
782Kb / 17P
Triple, 1.5 GHz Op Amp
Rev. C
AD8003ACPZ-R2 AD-AD8003ACPZ-R2 Datasheet
782Kb / 17P
Triple, 1.5 GHz Op Amp
Rev. C
AD8003ACPZ-REEL7 AD-AD8003ACPZ-REEL7 Datasheet
782Kb / 17P
Triple, 1.5 GHz Op Amp
Rev. C
More results


Similar Description - AD8003

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
Triple 135MHz Low-Power Op Amp
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
logo
Analog Devices
AD8000 AD-AD8000 Datasheet
525Kb / 20P
1.5 GHz Ultrahigh Speed Op Amp
Jan-2005
logo
ON Semiconductor
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
logo
Micrel Semiconductor
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
Triple 135MHz Low-Power Op Amp
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
Triple, 1.5 GHz Op Amp
REV. C
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
Low Cost, Triple Op Amp
REV. A
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
logo
Analog Devices
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
Triple, 1.5 GHz Op Amp
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com