Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8000 Datasheet (PDF) - Analog Devices

AD8000 Datasheet PDF - Analog Devices
Part # AD8000
Download  AD8000 Download
File Size   525.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 GHz Ultrahigh Speed Op Amp

AD8000 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8000 Datasheet PDF - Analog Devices

Part # AD8000
Download  AD8000 Click to download

File Size   525.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.5 GHz Ultrahigh Speed Op Amp

AD8000 Datasheet (HTML) - Analog Devices


AD8000 Product details

GENERAL DESCRIPTION
The AD8000 is an ultrahigh speed, high performance, current feedback amplifier. Using ADI’s proprietary eXtra Fast Complementary Bipolar (XFCB) process, the amplifier can achieve a small signal bandwidth of 1.5 GHz and a slew rate of 4100 V/µs.
The AD8000 has low spurious-free dynamic range (SFDR) of 75 dBc @ 20 MHz and input voltage noise of 1.6 nV/√Hz. The AD8000 can drive over 100 mA of load current with minimal distortion. The amplifier can operate on +5 V to ±6 V. These specifications make the AD8000 ideal for a variety of applica tions, including high speed instrumentation.

FEATURES
   High speed
      1.5 GHz, −3 dB bandwidth (G = +1)
      650 MHz, full power bandwidth (G = +2, VO = 2 V p-p)
      Slew rate: 4100 V/µs
      0.1% settling time: 12 ns
   Excellent video specifications
      0.1 dB flatness: 170 MHz
      Differential gain: 0.02%
      Differential phase: 0.01°
   Output overdrive recovery: 22 ns
   Low noise: 1.6 nV/√Hz input voltage noise
   Low distortion over wide bandwidth
      75 dBc SFDR @ 20 MHz
      62 dBc SFDR @ 50 MHz
   Input offset voltage: 1 mV typ
   High output current: 100 mA
   Wide supply voltage range: 4.5 V to 12 V
   Supply current: 13.5 mA
   Power-down mode

APPLICATIONS
   Professional video
   High speed instrumentation
   Video switching
   IF/RF gain stage
   CCD imaging




Similar Part No. - AD8000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8000 AD-AD8000 Datasheet
381Kb / 17P
1.5 GHz, Ultrahigh Speed Op Amp
Rev. C
AD8000YCPZ-R2 AD-AD8000YCPZ-R2 Datasheet
381Kb / 17P
1.5 GHz, Ultrahigh Speed Op Amp
Rev. C
AD8000YCPZ-REEL AD-AD8000YCPZ-REEL Datasheet
381Kb / 17P
1.5 GHz, Ultrahigh Speed Op Amp
Rev. C
AD8000YCPZ-REEL7 AD-AD8000YCPZ-REEL7 Datasheet
381Kb / 17P
1.5 GHz, Ultrahigh Speed Op Amp
Rev. C
AD8000YRDZ AD-AD8000YRDZ Datasheet
381Kb / 17P
1.5 GHz, Ultrahigh Speed Op Amp
Rev. C
More results


Similar Description - AD8000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
Analog Devices
AD8003 AD-AD8003 Datasheet
684Kb / 16P
Triple, 1.5 GHz Op Amp
2/06-Rev. 0 to Rev. A
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
Triple, 1.5 GHz Op Amp
REV. C
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
logo
Analog Devices
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
Triple, 1.5 GHz Op Amp
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com