Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2871ACPZ Datasheet (PDF) - Analog Devices

ADN2871ACPZ Datasheet PDF - Analog Devices
Part # ADN2871ACPZ
Download  ADN2871ACPZ Download
File Size   797.81 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver

ADN2871ACPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2871ACPZ Datasheet PDF - Analog Devices

Part # ADN2871ACPZ
Download  ADN2871ACPZ Click to download

File Size   797.81 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver

ADN2871ACPZ Datasheet (HTML) - Analog Devices


ADN2871ACPZ Product details

GENERAL DESCRIPTION
The ADN2871 laser diode driver is designed for advanced SFP and SFF modules, using SFF-8472 digital diagnostics. The ADN2871 supports operation from 50 Mbps to 4.25 Gbps.
Average power and extinction ratio can be set with a voltage provided by a microcontroller DAC or by a trimmable resistor or digital potentiometer. The average power control loop is implemented using feedback from a monitor photodiode. The part provides bias and modulation current monitoring as well as fail alarms and automatic laser shutdown (ALS). The device interfaces easily with the Analog Devices, Inc. ADuC70xx family of MicroConverters® and with the ADN289x family of limiting amplifiers to make a complete SFP/SFF transceiver solution. An SFP reference design is available. The product is pin-compatible with the ADN2870 dual-loop LDD, allowing one PC board layout to work with either device. For dual-loop applications, refer to the ADN2870 data sheet.
The product is available in a space-saving 4 mm × 4 mm LFCSP specified over the −40°C to +85°C temperature range.
Figure 1 shows an application diagram of the voltage setpoint control with single-ended laser interface. Figure 36 shows a differential laser interface.

FEATURES
  SFP/SFF and SFF-8472 MSA-compliant
  SFP reference design available
  50 Mbps to 4.25 Gbps operation
  Automatic average power control
  Typical rise/fall time 60 ps
  Supports VCSEL, DFB, and FP lasers
  Bias current range 2 mA to 100 mA
  Modulation current range 5 mA to 90 mA
  Laser fail alarm and automatic laser shutdown (ALS)
  Bias and modulation current monitoring
  3.3 V operation
  4 mm × 4 mm LFCSP
  Voltage setpoint control
  Resistor setpoint control
  Pin-compatible with ADN2870
 
APPLICATIONS
  1×/2×/4× Fibre Channel SFP/SFF modules
  Multirate OC3 to OC48-FEC SFP/SFF modules
  LX-4 modules
  DWDM/CWDM SFP modules
  1GE SFP/SFF transceiver modules
  VCSEL, DFB, and FP transmitters




Similar Part No. - ADN2871ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
More results


Similar Description - ADN2871ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV.0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
8/04-Revision 0
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV.0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com