Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1367339 Datasheet (PDF) - PHOENIX CONTACT

1367339 Datasheet PDF - PHOENIX CONTACT
Part # 1367339
Download  1367339 Download
File Size   440.25 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4OC/5,0-BC6A/R4OC-BL - Patch cable

1367339 Datasheet (PDF)

Go To PDF Page Download Datasheet
1367339 Datasheet PDF - PHOENIX CONTACT

Part # 1367339
Download  1367339 Click to download

File Size   440.25 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4OC/5,0-BC6A/R4OC-BL - Patch cable

1367339 Datasheet (HTML) - PHOENIX CONTACT


1367339 Product details

Patch cable, degree of protection: IP20, cable length: 5 m, number of positions: 8, 10 Gbps,
CAT6A, connection method: Pierce connection, connection cross section: AWG 26- 26, cable
outlet: straight, Ethernet

Your advantages
• Perfect for office, building, and protected industrial applications (e.g., in control cabinets)
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Future-proof high-speed data transmission with up to 10 Gbps (CAT6A)




Similar Part No. - 1367339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1367335 PHOENIX-1367335 Datasheet
426Kb / 17P
NBC-R4OC/25,0-BC6A/R4OC - Patch cable
1367336 PHOENIX-1367336 Datasheet
439Kb / 14P
NBC-R4OC/30,0-BC6A/R4OC - Patch cable
1367337 PHOENIX-1367337 Datasheet
440Kb / 14P
NBC-R4OC/50,0-BC6A/R4OC - Patch cable
logo
Tyco Electronics
1367337-1 MACOM-1367337-1 Datasheet
4Mb / 6P
Quick Reference Guide
logo
PHOENIX CONTACT
1367338 PHOENIX-1367338 Datasheet
448Kb / 16P
NBC-R4OC/2,0-BC6A/R4OC-BL - Patch cable
More results


Similar Description - 1367339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408970 PHOENIX-1408970 Datasheet
506Kb / 5P
Patch cable - NBC-R4AC/5,0-93B/R4AC
1112868 PHOENIX-1112868 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93C/OE
1112912 PHOENIX-1112912 Datasheet
178Kb / 5P
Patch cable - NBC-R4ACS/5,0-94C/R4ACS
1112920 PHOENIX-1112920 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93M/R4ACS
1113178 PHOENIX-1113178 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/OE
1113332 PHOENIX-1113332 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93M/OE
1367340 PHOENIX-1367340 Datasheet
440Kb / 14P
NBC-R4OC/7,0-BC6A/R4OC-BL - Patch cable
1367336 PHOENIX-1367336 Datasheet
439Kb / 14P
NBC-R4OC/30,0-BC6A/R4OC - Patch cable
1367337 PHOENIX-1367337 Datasheet
440Kb / 14P
NBC-R4OC/50,0-BC6A/R4OC - Patch cable
1367338 PHOENIX-1367338 Datasheet
448Kb / 16P
NBC-R4OC/2,0-BC6A/R4OC-BL - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com