Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1367337 Datasheet (PDF) - PHOENIX CONTACT

1367337 Datasheet PDF - PHOENIX CONTACT
Part # 1367337
Download  1367337 Download
File Size   440.01 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4OC/50,0-BC6A/R4OC - Patch cable

1367337 Datasheet (PDF)

Go To PDF Page Download Datasheet
1367337 Datasheet PDF - PHOENIX CONTACT

Part # 1367337
Download  1367337 Click to download

File Size   440.01 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description NBC-R4OC/50,0-BC6A/R4OC - Patch cable

1367337 Datasheet (HTML) - PHOENIX CONTACT


1367337 Product details

Patch cable, degree of protection: IP20, cable length: 50 m, number of positions: 8, 10 Gbps,
CAT6A, connection method: Pierce connection, connection cross section: AWG 26- 26, cable
outlet: straight, Ethernet

Your advantages
• Perfect for office, building, and protected industrial applications (e.g., in control cabinets)
• Worldwide approval with CE, UL, WEEE, and EAC
• Secure connection and disconnection with reliable locking clip protection
• Ideal EMC properties, thanks to 360° shielding
• Simultaneous power transmission with PoE++
• Future-proof high-speed data transmission with up to 10 Gbps (CAT6A)




Similar Part No. - 1367337

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1367337-1 MACOM-1367337-1 Datasheet
4Mb / 6P
Quick Reference Guide
More results


Similar Description - 1367337

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1247658 PHOENIX-1247658 Datasheet
342Kb / 11P
Patch cable - NBC-R4ACB-PN4/.../...
1247661 PHOENIX-1247661 Datasheet
342Kb / 11P
Patch cable - NBC-R4ACS-PN4/.../...
1411854 PHOENIX-1411854 Datasheet
281Kb / 7P
Patch cable - NBC-R4AC-R4AC-IE8A/.../...
1387607 PHOENIX-1387607 Datasheet
181Kb / 4P
Patch cable - NBC-R4ACS-IE8A/.../...
1441525 PHOENIX-1441525 Datasheet
178Kb / 4P
Patch cable - NBC-R4ACS/50,0-93B/R4ACS
1367339 PHOENIX-1367339 Datasheet
440Kb / 14P
NBC-R4OC/5,0-BC6A/R4OC-BL - Patch cable
1367340 PHOENIX-1367340 Datasheet
440Kb / 14P
NBC-R4OC/7,0-BC6A/R4OC-BL - Patch cable
1367336 PHOENIX-1367336 Datasheet
439Kb / 14P
NBC-R4OC/30,0-BC6A/R4OC - Patch cable
1422651 PHOENIX-1422651 Datasheet
375Kb / 10P
NBC-R4AC/50,0-93E/R4AC - Network cable
1367338 PHOENIX-1367338 Datasheet
448Kb / 16P
NBC-R4OC/2,0-BC6A/R4OC-BL - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com