Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6639 Datasheet (PDF) - Maxim Integrated Products

MAX6639 Datasheet PDF - Maxim Integrated Products
Part # MAX6639
Download  MAX6639 Download
File Size   282.43 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller

MAX6639 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6639 Datasheet PDF - Maxim Integrated Products

Part # MAX6639
Download  MAX6639 Click to download

File Size   282.43 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller

MAX6639 Datasheet (HTML) - Maxim Integrated Products


MAX6639 Product details

General Description
The MAX6639 monitors its own temperature and one external diode-connected transistor or the temperatures of two external diode-connected transistors, typically available in CPUs, FPGAs, or GPUs.

Features
♦ Two Thermal-Diode Inputs
♦ Up to 25kHz PWM Output Frequency
♦ Three Selectable SMBus Addresses
♦ Local Temperature Sensor
♦ 1°C Remote Temperature Accuracy
♦ Two PWM Outputs for Fan Drive (Open Drain; Can
   be Pulled Up to +13.5V)
♦ Programmable Fan-Control Characteristics
♦ Automatic Fan Spin-Up Ensures Fan Start
♦ Controlled Rate-of-Change Ensures Unobtrusive
   Fan-Speed Adjustments
♦ ±3% Fan-Speed Measurement Accuracy
♦ Temperature Monitoring Begins at POR for
   FailSafe System Protection
♦ OT and THERM Outputs for Throttling or Shutdown
♦ Measures Temperatures Up to +150°C
♦ MAX6639F is Optimized for n = 1.021 for Penryn
   Compatibility

Applications
   Desktop Computers
   Notebook Computers
   Projectors
   Servers
   Networking Equipment




Similar Part No. - MAX6639

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
325Kb / 24P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
203Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639 MAXIM-MAX6639 Datasheet
391Kb / 18P
Evaluation Kit
Rev 0; 1/09
MAX6639AEE MAXIM-MAX6639AEE Datasheet
325Kb / 24P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639AEE MAXIM-MAX6639AEE Datasheet
203Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
More results


Similar Description - MAX6639

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
Intelligent Temperature Monitor and Dual PWM Fan Controller
REV.0
logo
Maxim Integrated Produc...
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6678 MAXIM-MAX6678 Datasheet
689Kb / 19P
2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
Rev 0; 5/04
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com