Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet (PDF) - Analog Devices

ADM1031 Datasheet PDF - Analog Devices
Part # ADM1031
Download  ADM1031 Download
File Size   289.47 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Intelligent Temperature Monitor and Dual PWM Fan Controller

ADM1031 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1031 Datasheet PDF - Analog Devices

Part # ADM1031
Download  ADM1031 Click to download

File Size   289.47 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Intelligent Temperature Monitor and Dual PWM Fan Controller

ADM1031 Datasheet (HTML) - Analog Devices


ADM1031 Product details

PRODUCT DESCRIPTION
The ADM1031 is an ACPI-compliant three-channel digital thermometer and under/over temperature alarm, for use in personal computers and thermal management systems.
   
FEATURES
    Optimized for Pentium® III: Allows Reduced Guardbanding
    Software and Automatic Fan Speed Control
    Automatic Fan Speed Control Allows Control
        Independent of CPU Intervention after Initial Setup
    Control Loop Minimizes Acoustic Noise and Battery
        Consumption
    Remote Temperature Measurement Accurate to 1°C
    Using Remote Diode (Two Channels)
    0.125°C Resolution on External Temperature Channels
    Local Temperature Sensor with 0.25°C Resolution
    Pulsewidth Modulation Fan Control (PWM) for Two Fans
    Programmable PWM Frequency
    Programmable PWM Duty Cycle
    Tach Fan Speed Measurement (Two Channels)
    Analog Input To Measure Fan Speed of 2-Wire Fans
        (Using Sense Resistor)
    2-Wire System Management Bus (SMBus) with ARA
        Support
    Overtemperature THERM Output Pin for CPU Throttling
    Programmable INT Output Pin
    Configurable Offsets for Temperature Channels
    3 V to 5.5 V Supply Range
    Shutdown Mode to Minimize Power Consumption
    Limit Comparison of All Monitored Values
   
APPLICATIONS
    Notebook PCs, Network Servers and Personal Computers
    Telecommunications Equipment
   




Similar Part No. - ADM1031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ ONSEMI-ADM1031ARQZ Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ-R7 ONSEMI-ADM1031ARQZ-R7 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ-REEL ONSEMI-ADM1031ARQZ-REEL Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
More results


Similar Description - ADM1031

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV.0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com