Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 2Page - Analog Devices ADM1031 Datasheet HTML 3Page - Analog Devices ADM1031 Datasheet HTML 4Page - Analog Devices ADM1031 Datasheet HTML 5Page - Analog Devices ADM1031 Datasheet HTML 6Page - Analog Devices ADM1031 Datasheet HTML 7Page - Analog Devices ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices ADM1031 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. 0
ADM1031
–6–
FREQUENCY – Hz
7
–1
0
400M
100k
1M
100M
200M
300M
6
5
4
2
0
3
1
500M
VIN = 30mV p-p
VIN = 20mV p-p
TPC 7. Temperature Error vs. Differential-Mode Noise
Frequency
SUPPLY VOLTAGE – V
200
180
160
140
60
120
80
40
20
0
100
–20
0
1.1
1.3
1.5
1.7
1.9
2.1
2.5
2.9
4.5
ADD = Hi-Z
ADD = GND
ADD = VCC
TPC 8. Standby Supply Current vs. Supply Voltage
TEMPERATURE – C
0.08
0
0
–0.08
–0.16
–0.24
–0.32
–0.40
–0.48
–0.56
–0.64
–0.72
–0.80
20
40
60
80
85
100
105
120
TPC 9. Local Sensor Temperature Error
TEMPERATURE – C
0.08
0
0
–0.08
–0.16
–0.24
–0.32
–0.40
–0.48
–0.56
–0.64
–0.72
–0.80
20
40
60
80
85
100
105
120
TPC 10. Remote Temperature Sensor Error
SUPPLY VOLTAGE – V
1.30
0.80
2.0
2.4
1.25
1.20
1.15
1.05
0.95
1.10
1.00
0.90
0.85
2.8
3.2
3.6
4.0
4.4
4.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
TPC 11. Supply Current vs. Supply Voltage
TIME – Sec
120
20
0
2
110
100
90
70
50
80
60
40
30
46
8
10
13
57
9
10
0
TPC 12. Response to Thermal Shock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com