Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 14Page - Analog Devices ADM1031 Datasheet HTML 15Page - Analog Devices ADM1031 Datasheet HTML 16Page - Analog Devices ADM1031 Datasheet HTML 17Page - Analog Devices ADM1031 Datasheet HTML 18Page - Analog Devices ADM1031 Datasheet HTML 19Page - Analog Devices ADM1031 Datasheet HTML 20Page - Analog Devices ADM1031 Datasheet HTML 21Page - Analog Devices ADM1031 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REV. 0
ADM1031
–18–
Effect of ADC Sample Rate on Filtered Mode
The second means by which to change the Filtered Mode charac-
teristics is to adjust the ADC sample rate. The faster the ADC
sample rate, the more temperature samples are obtained per sec-
ond. One way to apply filtering to the control loop is to slow down
the ADC sampling rate. This means that the number of iterations
of the Filtered Mode algorithm per second is effectively reduced.
If the number of temperature measurements per second is
reduced, how often the PWM_OUT signal controlling the fan is
updated is also reduced.
Bits <4:2> of the Fan Filter Register (Reg 0x23) set the ADC
sample rate. The default ADC sample rate is 1.4 kHz. The ADC
sample rate is selectable from 87.5 Hz to 11.2 kHz. Table IX
shows how many temperature samples are obtained per second,
for each of the ADC sample rates.
Table IX. Temperature Updates per Second
ADC Sample Rate
Temperature Updates/Sec
87.5 Hz
0.0625
175 Hz
0.125
350 Hz
0.25
700 Hz
0.5
1.4 kHz
1 (Default)
2.8 kHz
2
5.6 kHz
4
11.2 kHz
8
RELEVANT REGISTERS FOR FILTERED AUTOMATIC
FAN SPEED CONTROL MODE
In addition to the registers used to program the normal Auto-
matic Fan Speed Control Mode, the following register needs to
be programmed.
Register 0x23 Fan Filter Register
<7>
Spin-up Disable :- when this bit is set to 1, fan spin-up
is disabled. (Default = 0)
<6:5> Ramp Rate: these bits set the ramp rate for filtered mode.
00 = 1 (0.416% Duty Cycle Change)
01 = 2 (0.833% Duty Cycle Change)
10 = 4 (1.66% Duty Cycle Change)
11 = 8 (3.33% Duty Cycle Change)
<4:2> ADC Sample Rate
000 = 87.5 Hz
001 = 175 Hz
010 = 350 Hz
011 = 700 Hz
100 = 1.4 kHz (Default)
101 = 2.8 kHz
110 = 5.6 kHz
111 = 11.2 kHz
<1>
Fan 2 Filter Enable: when this bit is set to 1, it enables
filtering on Fan 2. Default = 0.
<0>
Fan 1 Filter Enable: when this bit is set to 1, it enables
filtering on Fan 1. Default = 0.
PROGRAMMING THE FILTERED AUTOMATIC FAN
SPEED CONTROL LOOP
1. Program a value for TMIN.
2. Program a value for the slope TRANGE.
3. TMAX = TMIN + TRANGE.
4. Program a value for Fan Spin-up Time.
5. Program the desired Automatic Fan Speed Control Mode
Behavior, i.e., which temperature channel controls the fan.
6. Program a ramp rate for the filtered mode.
7. Program the ADC sample rate in the Fan Filter Register.
8. Set Bit 0 to enable fan filtered mode for Fan 1.
9. Set Bit 1 to enable the fan filtered mode for Fan 2.
10. Select Automatic Fan Speed Control Mode by setting Bit 7
of Configuration Register 1.
PWM DUTY CYCLE SELECT MODE
The ADM1031 may be operated under software control by
clearing Bit 7 of Configuration Register 1 (Register 0x00). This
allows the user to directly control PWM duty cycle for each fan.
Clearing Bits 5, 6 of Configuration Register 1 allows fan control
by varying PWM duty cycle. Values of duty cycle between 0% to
100% may be written to the Fan Speed Config Register (0x22)
to control the speed of each fan. Table X shows the relationship
between hex values written to the Fan Speed Configuration
Register and PWM duty cycle obtained.
Table X. PWM Duty Cycle Select Mode
Hex Value
PWM Duty Cycle
00
0%
01
7%
02
14%
03
20%
04
27%
05
33%
06
40%
07
47%
08
53%
09
60%
0A
67%
0B
73%
0C
80%
0D
87%
0E
93%
0F
100%
Bits <3:0> set the PWM duty cycle for Fan 1; Bits <7:4> set the PWM duty
cycle for Fan 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com