Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 19Page - Analog Devices ADM1031 Datasheet HTML 20Page - Analog Devices ADM1031 Datasheet HTML 21Page - Analog Devices ADM1031 Datasheet HTML 22Page - Analog Devices ADM1031 Datasheet HTML 23Page - Analog Devices ADM1031 Datasheet HTML 24Page - Analog Devices ADM1031 Datasheet HTML 25Page - Analog Devices ADM1031 Datasheet HTML 26Page - Analog Devices ADM1031 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
REV. 0
ADM1031
–23–
Table XII. Registers
Address A7–A0
Register Name
in Hex
Comments
Value Registers
0x08–0x1E
See Table XIII.
Device ID Register
0x3D
This location contains the device identification number. Since this
device is the ADM1031, this register contains 0x31. This register is
read only.
Company ID
0x3E
This location contains the company identification number (0x41).
This register is read only.
THERM Behavior/Revision
0x3F
This location contains the revision number of the device. The lower
four bits reflect device revisions [3:0]. Bit 7 of this register is the
THERM-to-fan enable bit. See Table XXII.
Configuration Register 1
0x00
See Table XIV. Power-on value = 1001 0000.
Configuration Register 2
0x01
See Table XV. Power-on value = 0111 1111.
Status Register 1
0x02
See Table XVI. Power-on value = 0000 0000.
Status Register 2
0x03
See Table XVII. Power-on value = 0000 0000.
Manufacturer’s Test Register
0x07
This register is used by the manufacturer for test purposes only. This
register should not be read from or written to in normal operation.
Fan Characteristics Register 1
0x20
See Table XIX. Power-on value = 0101 1101.
Fan Characteristics Register 2
0x21
See Table XX. Power-on value = 0101 1101.
Fan Speed Configuration Register
0x22
See Table XXI. Power-on value = 0101 0101.
Fan Filter Register
0x23
See Table XXII. Power-on value = 0101 0000.
Local Temperature TMIN/TRANGE
0x24
See Table XXIII. Power-on value = 0100 0001.
Remote 1 Temperature TMIN/TRANGE
0x25
See Table XXIV. Power-on value = 0110 0001.
Remote 2 Temperature TMIN/TRANGE
0x26
See Table XXV. Power-on value = 0110 0001.
Table XIII. Value Registers
Address
Read/Write
Description
0x06
Read/Only
Extended Temperature Resolution (see Table XVIII).
0x08
Read/Write
Fan 1 Speed—this register contains the value of the Fan 1 tach measurement.
0x09
Read/Write
Fan 2 Speed—this register contains the value of the Fan 2 tach measurement.
0x0A
Read/Only
Local Temperature Value—this register contains the 8 MSBs of the local temperature measurement.
0x0B
Read/Only
Remote 1 Temperature Value—this register contains the 8 MSBs of the Remote 1 temperature reading.
0x0C
Read/Only
Remote 2 Temperature Value—this register contains the 8 MSBs of the Remote 2 temperature reading.
0x0D
Read/Write
Local Temperature Offset—See Table XXVII. (Power-On Default = 00h.)
0x0E
Read/Write
Remote 1 Temperature Offset—See Table XXVIII. (Power-On Default = 00h.)
0x0F
Read/Write
Remote 2 Temperature Offset—See Table XXIX. (Power-On Default = 00h.)
0x10
Read/Write
Fan 1 Tach High Limit—this register contains the limit for the Fan 1 tach measurement. Since the
tach circuit counts between pulses, a slow fan will result in a large measured value, so exceeding the
limit is the way to detect a slow or stalled fan. (Power-On Default = FFh.)
0x11
Read/Write
Fan 2 Tach High Limit—this register contains the limit for the Fan 2 tach measurement. Since the
tach circuit counts between pulses, a slow fan will result in a large measured value, so exceeding the
limit is the way to detect a slow or stalled fan. (Power-On Default = FFh.)
0x14
Read/Write
Local Temperature High Limit (Power-On Default 60
°C).
0x15
Read/Write
Local Temperature Low Limit (Power-On Default 0
°C).
0x16
Read/Write
Local Temperature Therm Limit (Power-On Default 70
°C).
0x18
Read/Write
Remote 1 Temperature High Limit (Power-On Default 80
°C).
0x19
Read/Write
Remote 1 Temperature Low Limit (Power-On Default 0
°C).
0x1A
Read/Write
Remote 1 Temperature Therm Limit (Power-On Default 100
°C).
0x1C
Read/Write
Remote 2 Temperature High Limit (Power-On Default 80
°C).
0x1D
Read/Write
Remote 2 Temperature Low Limit (Power-On Default 0
°C).
0x1E
Read/Write
Remote 2 Temperature Therm Limit (Power-On Default 100
°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com