Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 29 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 24Page - Analog Devices ADM1031 Datasheet HTML 25Page - Analog Devices ADM1031 Datasheet HTML 26Page - Analog Devices ADM1031 Datasheet HTML 27Page - Analog Devices ADM1031 Datasheet HTML 28Page - Analog Devices ADM1031 Datasheet HTML 29Page - Analog Devices ADM1031 Datasheet HTML 30Page - Analog Devices ADM1031 Datasheet HTML 31Page - Analog Devices ADM1031 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
REV. 0
ADM1031
–29–
Table XXVII. Register 0x0D Local Temp Offset Power-On Default = 00H
Bit
Name
R/
W
Description
<7>
Sign
Read/Write
When this bit is 0, the local offset will be added to the Local Temp Reading.
When this bit is set to 1, the local offset will be subtracted from the Local
Temp Reading.
<3:0>
Local Offset
Read/Write
These four bits are used to add an offset to the Local Temperature Reading.
These bits allow an offset value of up to
±15°C to be added to or subtracted
from the temperature reading.
Table XXVIII. Register 0x0E Remote 1 Temp Offset Power-On Default = 00H
Bit
Name
R/
W
Description
<7>
Sign
Read/Write
When this bit is 0, the remote offset will be added to the Remote 1 Temp
Reading. When this bit is set to 1, the remote offset will be subtracted from
the Remote 1 Temp Reading.
<6.4>
Unused
Read/Write
Unused. Read back 0.
<3:0>
Remote 1 Offset
Read/Write
These four bits are used to add an offset to the Remote 1 Temperature
Reading. These bits allow an offset value of up to
±15°C to be added to or
subtracted from the temperature reading, depending on the sign bit.
Table XXIX. Register 0x0F Remote 2 Temp Offset Power-On Default = 00H
Bit
Name
R/
W
Description
<7>
Sign
Read/Write
When this bit is 0, the remote offset will be added to the Remote 2 Temp
Reading. When this bit is set to 1, the remote offset will be subtracted from
the Remote 2 Temp Reading.
<6.4>
Unused
Read/Write
Unused. Read back 0.
<3:0>
Remote 2 Offset
Read/Write
These four bits are used to add an offset to the Remote 2 Temperature Reading.
These bits allow an offset value of up to
±15°C to be added to or subtracted
from the temperature reading, depending on the sign bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com