Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 17Page - Analog Devices ADM1031 Datasheet HTML 18Page - Analog Devices ADM1031 Datasheet HTML 19Page - Analog Devices ADM1031 Datasheet HTML 20Page - Analog Devices ADM1031 Datasheet HTML 21Page - Analog Devices ADM1031 Datasheet HTML 22Page - Analog Devices ADM1031 Datasheet HTML 23Page - Analog Devices ADM1031 Datasheet HTML 24Page - Analog Devices ADM1031 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. 0
ADM1031
–21–
CH1 100mV
CH3 50.0mV
CH2 5.00mV
CH4 50.0mV
M 4.00ms A CH1
–2.00mV
CH1
1
4
T
T
Tek PreVu
: 250mV
@: –258mV
Figure 20. Fan Speed Sensing Waveform at TACH/AIN Pin
FAN SPEED MEASUREMENT
The fan counter does not count the fan tach output pulses directly,
because the fan speed may be less than 1000 RPM and it would
take several seconds to accumulate a reasonably large and accu-
rate count. Instead, the period of the fan revolution is measured
by gating an on-chip 11.25 kHz oscillator into the input of an
8-bit counter. The fan speed measuring circuit is initialized
on the rising edge of a PWM high output if fan speed measure-
ment is enabled (Bit 2, 3 of Configuration Register 2 = 1). It
then starts counting on the rising edge of the second tach pulse
and counts for two fan tach periods, until the rising edge of the
fourth tach pulse, or until the counter overranges if the fan tach
period is too long. The measurement cycle will repeat until
monitoring is disabled. The fan speed measurement is stored in
the Fan Speed Reading register at address 0x08, 0x09.
The fan speed count is given by:
Count = (f
× 60)/R × N
where:
f = 11.25 kHz
R = Fan Speed in RPM.
N = Speed Range (Either 1, 2, 4, or 8)
The frequency of the oscillator can be adjusted to suit the
expected running speed of the fan by varying N, the Speed
Range. The oscillator frequency is set by Bits 7 and 6 of Fan
Characteristics Registers 1, 2 (0x20, 0x21) as shown in Table
XI. Figure 21 shows how the fan measurements relate to the
PWM_OUT pulse trains.
Table XI. Oscillator Frequencies
Oscillator
Bit 7
Bit 6
N
Frequency (kHz)
0
0
1
11.25
0
1
2
5.625
1
0
4
2.812
1
1
8
1.406
CLOCK
CONFIG 2
REG. BIT 2
FAN
INPUT
FAN
MEASUREMENT
PERIOD
START OF
MONITORING
CYCLE
Figure 21. Fan Speed Measurement
In situations where different output drive circuits are used for
fan drive, it may be desirable to invert the PWM drive signal.
Setting Bit 3 of Configuration Register 1 (0x00) to 1, inverts the
PWM_OUT signal. This makes the PWM_OUT pin high for
100% duty cycle. Bit 3 of Configuration Register 1 should gen-
erally be set to 1, when using an n-MOS device to drive the fan.
If using a p-MOS device, Bit 3 of Configuration Register 1
should be cleared to 0.
FAN FAULTS
The
FAN_FAULT output (Pin 8) is an active-low, open-drain
output used to signal fan failure to the system processor. Writing
a Logic 1 to Bit 4 of Configuration Register 1 (0x00) enables the
FAN_FAULT output pin. The FAN_FAULT output is enabled
by default. The
FAN_FAULT output asserts low only when
five consecutive interrupts are generated by the ADM1031 device
due to the fan running underspeed, or if the fan is completely
stalled. Note that the Fan Tach High Limit must be exceeded
by at least one before a
FAN_FAULT can be generated. For
example, if we are only interested in getting a
FAN_FAULT if
the fan stalls, then the fan speed value will be 0xFF for a failed
fan. Therefore, we should make the Fan Tach High Limit =
0xFE to allow
FAN_FAULT to be asserted after five consecu-
tive fan tach failures.
Figure 22 shows the relationship between
INT, FAN_FAULT,
and the PWM drive channel. The PWM_OUT channel is driv-
ing a fan at some PWM duty cycle, say 50%, and the fan’s tach
signal (or fan current for a 2-wire fan) is being monitored at the
TACH/AIN pin. Tach pulses are being generated by the fan,
during the high time of the PWM duty cycle train. The tach is
pulled high during the off time of the PWM train because the
fan is connected high-side to the n-MOS device.
Suppose the fan has twice previously failed its fan speed mea-
surement. Looking at Figure 22, PWM_OUT is brought high
for two seconds, to restart the fan if it has stalled. Sometime
later a third tach failure occurs. This is evident by the tach signal
being low during the high time of the PWM pulse, causing the Fan
Speed Reading register to reach its maximum count of 255.
Since the tach limit has been exceeded, an interrupt is gener-
ated on the
INT pin. The Fan Fault bit (Bit 1) of Interrupt
Status Register 1 (Register 0x02) will also be asserted. Once
the processor has acknowledged the
INT by reading the status
register, the
INT is cleared. PWM_OUT is then brought high
for another two seconds to restart the fan. Subsequent fan fail-
ures cause
INT to be reasserted and the PWM_OUT signal is
brought high for two seconds (fan spin-up default) each time to
restart the fan. Once the fifth tach failure occurs, the failure is
deemed to be catastrophic and the
FAN_FAULT pin is asserted
low. PWM_OUT is brought high to attempt to restart the fan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com