Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 3 Page - Analog Devices

  ADM1031 Datasheet HTML 1Page - Analog Devices ADM1031 Datasheet HTML 2Page - Analog Devices ADM1031 Datasheet HTML 3Page - Analog Devices ADM1031 Datasheet HTML 4Page - Analog Devices ADM1031 Datasheet HTML 5Page - Analog Devices ADM1031 Datasheet HTML 6Page - Analog Devices ADM1031 Datasheet HTML 7Page - Analog Devices ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. 0
ADM1031
–3–
ABSOLUTE MAXIMUM RATINGS*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . .6.5 V
Voltage on Any Input or Output Pin . . . . . . . . –0.3 V to +6.5 V
Input Current at Any Pin . . . . . . . . . . . . . . . . . . . . . . .
±5 mA
Package Input Current . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Maximum Junction Temperature (TJMAX) . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering
Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
°C
ESD Rating All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
16-Lead QSOP Package
θJA = 105°C/W, θJC = 39°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1031ARQ
0
°C to 100°C
16-Lead QSOP RQ-16
tSU:STO
P
S
P
tHD:STA
tSU:STA
tSU:DAT
tHIGH
tF
tHD:DAT
tR
tLOW
tHD:STA
tBUF
S
SCL
SDA
Figure 1. Diagram for Serial Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com