Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 5Page - Analog Devices ADM1031 Datasheet HTML 6Page - Analog Devices ADM1031 Datasheet HTML 7Page - Analog Devices ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices ADM1031 Datasheet HTML 10Page - Analog Devices ADM1031 Datasheet HTML 11Page - Analog Devices ADM1031 Datasheet HTML 12Page - Analog Devices ADM1031 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. 0
ADM1031
–9–
ALERT RESPONSE ADDRESS
Alert Response Address (ARA) is a feature of SMBus devices
that allows an interrupting device to identify itself to the host
when multiple devices exist on the same bus.
The
INT output can be used as an interrupt output or can be used
as an
SMBALERT. One or more INT outputs can be connected
to a common
SMBALERT line connected to the master. If a
device’s
INT line goes low, the following procedure occurs:
1.
SMBALERT pulled low.
2. Master initiates a read operation and sends the Alert
Response Address (ARA = 0001 100). This is a general call
address that must not be used as a specific device address.
3. The device whose
INT output is low responds to the Alert
Response Address, and the master reads its device address.
The address of the device is now known and can be interro-
gated in the usual way.
4. If more than one device’s
INT output is low, the one with
the lowest device address will have priority, in accordance
with normal SMBus arbitration.
5. Once the ADM1031 has responded to the Alert Response
Address, it will reset its
INT output; however, if the error
condition that caused the interrupt persists,
INT will be
reasserted on the next monitoring cycle.
TEMPERATURE MEASUREMENT SYSTEM
Internal Temperature Measurement
The ADM1031 contains an on-chip bandgap temperature sen-
sor. The on-chip ADC performs conversions on the output of
this sensor and outputs the temperature data in 10-bit two’s
complement format. The resolution of the local temperature
sensor is 0.25
°C. The format of the temperature data is shown
in Table II.
External Temperature Measurement
The ADM1031 can measure the temperatures of two external
diode sensors or diode-connected transistors, connected to Pins
9 and 10 and Pins 11 and 12.
These pins are dedicated temperature input channels. The
function of Pin 7 is as a
THERM input/output and is used to
flag overtemperature conditions.
The forward voltage of a diode or diode-connected transistor,
operated at a constant current, exhibits a negative temperature
coefficient of about –2 mV/
°C. Unfortunately, the absolute
value of VBE, varies from device to device, and individual
calibration is required to null this out, so the technique is
unsuitable for mass production.
The technique used in the ADM1031 is to measure the change
in VBE when the device is operated at two different currents.
This is given by:
∆V
BE = KT/q
× ln (N)
where:
K is Boltzmann’s constant.
q is charge on the carrier.
T is absolute temperature in Kelvins.
N is ratio of the two currents.
Figure 3 shows the input signal conditioning used to measure
the output of an external temperature sensor. This figure shows
the external sensor as a substrate transistor, provided for tempera-
ture monitoring on some microprocessors, but it could equally
well be a discrete transistor.
LOW-PASS
FILTER
fC = 65kHz
BIAS
DIODE
REMOTE
SENSING
TRANSISTOR
IN
IIBIAS
D+
D–
VOUT+
VOUT–
TO
ADC
VDD
Figure 3. Signal Conditioning
If a discrete transistor is used, the collector will not be grounded,
and should be linked to the base. If a PNP transistor is used, the
base is connected to the D– input and the emitter to the D+
input. If an NPN transistor is used, the emitter is connected to
the D– input and the base to the D+ input.
One LSB of the ADC corresponds to 0.125
°C, so the ADM1031
can theoretically measure temperatures from –127
°C to +127.75°C,
although –127
°C is outside the operating range for the device.
The extended temperature resolution data format is shown in
Tables III and IV.
Table II. Temperature Data Format (Local Temperature
and Remote Temperature High Bytes)
Temperature ( C)
Digital Output
–128
°C
1000 0000
–125
°C
1000 0011
–100
°C
1001 1100
–75
°C
1011 0101
–50
°C
1100 1110
–25
°C
1110 0111
–1
°C
1111 1111
0
°C
0000 0000
+1
°C
0000 0001
+10
°C
0000 1010
+25
°C
0001 1001
+50
°C
0011 0010
+75
°C
0100 1011
+100
°C
0110 0100
+125
°C
0111 1101
+127
°C
0111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com