Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 1 Page - Analog Devices

  ADM1031 Datasheet HTML 1Page - Analog Devices ADM1031 Datasheet HTML 2Page - Analog Devices ADM1031 Datasheet HTML 3Page - Analog Devices ADM1031 Datasheet HTML 4Page - Analog Devices ADM1031 Datasheet HTML 5Page - Analog Devices ADM1031 Datasheet HTML 6Page - Analog Devices ADM1031 Datasheet HTML 7Page - Analog Devices ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1031
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Intelligent Temperature
Monitor and Dual PWM Fan Controller
FUNCTIONAL BLOCK DIAGRAM
SERIAL BUS
INTERFACE
INTERRUPT
STATUS
REGISTERS
VALUE AND LIMIT
REGISTERS
OFFSET
REGISTERS
CONFIGURATION
REGISTERS
LIMIT
COMPARATOR
2.5V
BANDGAP
REFERENCE
ANALOG
MULTIPLEXER
BANDGAP
TEMPERATURE
SENSOR
SLAVE
ADDRESS
REGISTER
ADD
SDA
SCL
GND
ADM1031
FAN FILTER
REGISTER
FAN
CHARACTERISTICS
REGISTERS
FAN SPEED
COUNTER
ADDRESS
POINTER
REGISTER
PWM
CONTROLLERS
TACH SIGNAL
CONDITIONING
INT (SMBALERT)
THERM
FAN_FAULT
PWM_OUT1
TACH1 /AIN1
D1+
D1–
VCC
ADC
FAN SPEED
CONFIG
REGISTER
TACH2 /AIN2
PWM_OUT2
D2+
D2–
FEATURES
Optimized for Pentium® III: Allows Reduced Guardbanding
Software and Automatic Fan Speed Control
Automatic Fan Speed Control Allows Control Indepen-
dent of CPU Intervention after Initial Setup
Control Loop Minimizes Acoustic Noise and Battery
Consumption
Remote Temperature Measurement Accurate to 1 C
Using Remote Diode (Two Channels)
0.125 C Resolution on External Temperature Channels
Local Temperature Sensor with 0.25 C Resolution
Pulsewidth Modulation Fan Control (PWM) for Two Fans
Programmable PWM Frequency
Programmable PWM Duty Cycle
Tach Fan Speed Measurement (Two Channels)
Analog Input To Measure Fan Speed of 2-Wire Fans
(Using Sense Resistor)
2-Wire System Management Bus (SMBus) with ARA
Support
Overtemperature
THERM Output Pin for CPU Throttling
Programmable
INT Output Pin
Configurable Offsets for Temperature Channels
3 V to 5.5 V Supply Range
Shutdown Mode to Minimize Power Consumption
Limit Comparison of All Monitored Values
APPLICATIONS
Notebook PCs, Network Servers and Personal Computers
Telecommunications Equipment
PRODUCT DESCRIPTION
The ADM1031 is an ACPI-compliant three-channel digital
thermometer and under/over temperature alarm, for use in
personal computers and thermal management systems. Opti-
mized for the Pentium III, the higher 1
°C accuracy offered
allows systems designers to safely reduce temperature guard-
banding and increase system performance. Two Pulsewidth
Modulated (PWM) Fan Control outputs control the speed of
two cooling fans by varying output duty cycle. Duty cycle values
between 33%–100% allow smooth control of the fans. The speed
of each fan can be monitored via TACH inputs. The TACH
inputs may be reprogrammed as analog inputs, allowing fan
speeds for 2-wire fans to be measured via sense resistors. The
device will also detect a stalled fan. A dedicated Fan Speed
Control Loop provides control even without the intervention of
CPU software. It also ensures that if the CPU or system locks up,
each fan can still be controlled based on temperature measure-
ments, and the fan speed adjusted to correct any changes in
system temperature. Fan speed may also be controlled using
existing ACPI software. Two inputs (four pins) are dedicated to
remote temperature-sensing diodes with an accuracy of
±1°C,
and an on-chip temperature sensor allows ambient temperature
to be monitored. The device has a programmable
INT output
to indicate error conditions. There is a dedicated
FAN_FAULT
output to signal fan failure. The
THERM pin is a fail-safe output
for overtemperature conditions that can be used to throttle a
CPU clock.
*Patents pending.
Pentium is a registered
trademark of Intel Corporation.


Similar Part No. - ADM1031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ ONSEMI-ADM1031ARQZ Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ-R7 ONSEMI-ADM1031ARQZ-R7 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
ADM1031ARQZ-REEL ONSEMI-ADM1031ARQZ-REEL Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
More results

Similar Description - ADM1031

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV.0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com