Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices ADM1031 Datasheet HTML 10Page - Analog Devices ADM1031 Datasheet HTML 11Page - Analog Devices ADM1031 Datasheet HTML 12Page - Analog Devices ADM1031 Datasheet HTML 13Page - Analog Devices ADM1031 Datasheet HTML 14Page - Analog Devices ADM1031 Datasheet HTML 15Page - Analog Devices ADM1031 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
REV. 0
ADM1031
–12–
AUTOMATIC FAN SPEED CONTROL
The ADM1031 has a local temperature channel and two remote
temperature channels, which may be connected to an on-chip
diode-connected transistor on a CPU. These three temperature
channels may be used as the basis for an automatic fan speed
control loop to drive fans using Pulsewidth Modulation (PWM).
HOW DOES THE CONTROL LOOP WORK?
The Automatic Fan Speed Control Loop is shown in Figure 6.
FAN
SPEED
MAX
MIN
TEMPERATURE
TMIN
SPIN-UP FOR TWO SECONDS
TMAX = TMIN + TRANGE
Figure 6. Automatic Fan Speed Control
In order for the fan speed control loop to work, certain loop
parameters need to be programmed into the device.
1. TMIN. The temperature at which the fan should switch on
and run at minimum speed. The fan will only turn on once
the temperature being measured rises above the TMIN value
programmed. The fan will spin up for a predetermined time
(default = 2 secs). See Fan Spin-Up section for more details.
2. TRANGE. The temperature range over which the ADM1031
will automatically adjust the fan speed. As the temperature
increases beyond TMIN, the PWM_OUT duty cycle will be
increased accordingly. The TRANGE parameter actually defines
the fan speed versus temperature slope of the control loop.
3. TMAX. The temperature at which the fan will be at its maxi-
mum speed. At this temperature, the PWM duty cycle driving
the fan will be 100%. TMAX is given by TMIN + TRANGE.
Since this parameter is the sum of the TMIN and TRANGE
parameters, it does not need to be programmed into a
register on-chip.
4. A hysteresis value of 5
°C is included in the control loop to
prevent the fan continuously switching on and off if the tem-
perature is close to TMIN. The fan will continue to run until
such time as the temperature drops 5
°C below TMIN.
Figure 7 shows the different control slopes determined by the
TRANGE value chosen, and programmed into the ADM1031.
TMIN was set to 0
°C to start all slopes from the same point. It
can be seen how changing the TRANGE value affects the PWM
duty cycle versus temperature slope.
TEMPERATURE – C
0
100
93
87
80
73
66
60
53
47
40
33
TMIN
5
10
20
406080
T RANGE
=
80
C
TMAX = TMIN + TRANGE
Figure 7. PWM Duty Cycle vs. Temperature Slopes (TRANGE)
Figure 8 shows how, for a given TRANGE, changing the TMIN
value affects the loop. Increasing the TMIN value will increase
the TMAX (temperature at which the fan runs full speed) value,
since TMAX = TMIN + TRANGE. Note, however, that the PWM
Duty Cycle vs Temperature slope remains exactly the same.
Changing the TMIN value merely shifts the control slope. The
TMIN may be changed in increments of 4
°C.
TEMPERATURE – C
0
100
93
87
80
73
66
60
53
47
40
33
TMIN
20
40
60
80
TMAX = TMIN + TRANGE
Figure 8. Effect of Increasing TMIN Value on Control Loop
FAN SPIN-UP
As was previously mentioned, once the temperature being mea-
sured exceeds the TMIN value programmed, the fan will turn on
at minimum speed (default = 33% duty cycle). However, the
problem with fans being driven by PWM is that 33% duty cycle
is not enough to reliably start the fan spinning. The solution is
to spin the fan up for a predetermined time, and once the fan
has spun up, its running speed may be reduced in line with the
temperature being measured.
The ADM1031 allows fan spin-up times between 200 ms and
8 seconds. Bits <2:0> of Fan Characteristics Registers 1 and
2 (Register 0x20, 0x21) program the fan spin-up times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com