Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 2 Page - Analog Devices

  ADM1031 Datasheet HTML 1Page - Analog Devices ADM1031 Datasheet HTML 2Page - Analog Devices ADM1031 Datasheet HTML 3Page - Analog Devices ADM1031 Datasheet HTML 4Page - Analog Devices ADM1031 Datasheet HTML 5Page - Analog Devices ADM1031 Datasheet HTML 6Page - Analog Devices ADM1031 Datasheet HTML 7Page - Analog Devices ADM1031 Datasheet HTML 8Page - Analog Devices ADM1031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REV. 0
–2–
ADM1031–SPECIFICATIONS1 (T
A = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC
3.0
3.30
5.5
V
Supply Current, ICC
1.4
3
mA
Interface Inactive, ADC Active
32
50
µA
Standby Mode
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
± 1
± 3
°C
Resolution
0.25
°C
Remote Diode1 Sensor Accuracy
±0.5
±1
°C60°C ≤ T
D
≤ 100°C
Remote Diode2 Sensor Accuracy
±0.5
±1.75
°C60°C ≤ T
D
≤ 100°C
Resolution
0.125
°C
Remote Sensor Source Current
180
µA
High Level
11
µA
Low Level
OPEN-DRAIN DIGITAL OUTPUTS
(
THERM, INT, FAN_FAULT, PWM_OUT)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA; VCC = 3 V
High-Level Output Leakage Current, IOH
0.1
1
µAV
OUT = VCC; VCC = 3 V
OPEN-DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA; VCC = 3 V
High-Level Output Leakage Current, IOH
0.1
1
µAV
OUT = VCC
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS
2
(ADD,
THERM, TACH1/2)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
DIGITAL INPUT LEAKAGE CURRENT
Input High Current, IIH
–1
µAVIN = VCC
Input Low Current, IIL
1
µAV
IN = 0
Input Capacitance, CIN
5pF
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±6%
60
°C ≤ T
A
≤ 100°C
Full-Scale Count
255
TACH Nominal Input RPM
4400
RPM
Divisor N = 1, Fan Count = 153
2200
RPM
Divisor N = 2, Fan Count = 153
1100
RPM
Divisor N = 4, Fan Count = 153
550
RPM
Divisor N = 8, Fan Count = 153
Conversion Cycle Time
637
ms
SERIAL BUS TIMING
3
Clock Frequency, fSCLK
10
100
kHz
See Figure 1
Glitch Immunity, tSW
50
ns
See Figure 1
Bus Free Time, tBUF
4.7
µs
See Figure 1
Start Setup Time, tSU;STA
4.7
µs
See Figure 1
Start Hold Time, tHD;STA
4
µs
See Figure 1
Stop Condition Setup Time tSU;STO
4
µs
See Figure 1
SCL Low Time, tLOW
1.3
µs
See Figure 1
SCL High Time, tHIGH
450
µs
See Figure 1
SCL, SDA Rise Time, tR
1000
ns
See Figure 1
SCL, SDA Fall Time, tF
300
ns
See Figure 1
Data Setup Time, tSU;DAT
250
ns
See Figure 1
Data Hold Time, tHD;DAT
300
ns
See Figure 1
NOTES
1Typicals are at T
A = 25
°C and represent most likely parametric norm. Shutdown current typ is measured with V
CC = 3.3 V.
2ADD is a three-state input that may be pulled high, low or left open-circuit.
3Timing specifications are tested at logic levels of V
IL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com