Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 18Page - Analog Devices ADM1031 Datasheet HTML 19Page - Analog Devices ADM1031 Datasheet HTML 20Page - Analog Devices ADM1031 Datasheet HTML 21Page - Analog Devices ADM1031 Datasheet HTML 22Page - Analog Devices ADM1031 Datasheet HTML 23Page - Analog Devices ADM1031 Datasheet HTML 24Page - Analog Devices ADM1031 Datasheet HTML 25Page - Analog Devices ADM1031 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. 0
ADM1031
–22–
PWM_OUT
TACH/AIN
INT
FAN_FAULT
STATUS REG READ TO
CLEAR INTERRUPT
FULL SPEED
2 SECS
2 SECS
2 SECS
3RD TACH
FAILURE
4TH TACH
FAILURE
5TH TACH
FAILURE
CONTINUING
TACH FAILURE
Figure 22. Operation of
FAN_FAULT and Interrupt Pins
SDA
SCL
GND
VCC
1
2
3
4
16
15
14
13
ADM1031
5
12
6
7
8
9
10
11
INT (SMBALERT)
TACH1/AIN1
D1+
D1–/NTI
ADD
THERM
FAN_FAULT
PWM_OUT2
TACH2/AIN2
FAN_FAULT
TO SIGNAL
FAN FAILURE
CONDITION
CPU INTERRUPT
SDA
SCL
2N3904 OR PENTIUM III
CPU THERMAL DIODE
THERM
SIGNAL TO
THROTTLE
CPU CLOCK
3.3V
3.3V
5V
TACH
FAN1*
3-WIRE
FAN
PWM_OUT1
D2+
D2–
NDT3055L
(NMOS)
10k
TYP
3.3V
10k
TYP
3.3V
5V MAX
(DO NOT CONNECT
TO 12V)
10k
TYP
2.2k
3.3V
2.2k
3.3V
10k
TYP
3.3V
10k
TYP
10k
TYP
3.3V
5V
FAN2
2-WIRE
FAN
NDT3055L
(N-MOS)
RSENSE
0.01 F
2N3904 OR PENTIUM III
CPU THERMAL DIODE
*IN ACTUAL APPLICATION, BOTH FANS MUST BE 2-WIRE OR 3-WIRE TYPE. A SINGLE BIT
CONTROLS WHETHER TACH1/AIN1 AND TACH2/AIN2 ARE ANALOG OR DIGITAL INPUTS.
Figure 23. Typical Application Circuit
The
INT pin will continue to generate interrupts after the asser-
tion of
FAN_FAULT since tach measurement continues even
after fan failure. Should the fan recover from its failure condi-
tion, the
FAN_FAULT signal will be negated, and the fan will
return to its normal operating speed.
Figure 23 shows a typical application circuit for the ADM1031.
Temperature monitoring can be based around a CPU diode or
discrete transistor measuring thermal hotspots. Either 2- or
3-wire fans may be monitored by the ADM1031, as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com